Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F20 Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 39Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 43Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 44Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 45Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 46Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 250 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.20
43
June 4, 2010
Entering the SLEEP1 Mode
There is only one way for the device to enter the
SLEEP1 Mode and that is to execute the
²HALT²
instruction in the application program with the IDLEN bit
in SMOD register equal to
²0² and the WDT or LVD on.
When this instruction is executed under the conditions
described above, the following will occur:
· The system clock and Time Base clock will be
stopped and the application program will stop at the
²HALT² instruction, but the WDT or LVD will remain
with the clock source coming from the fSUB clock.
· The Data Memory contents and registers will maintain
their present condition.
· The WDT will be cleared and resume counting if the
WDT clock source is selected to come from the fSUB
clock as the WDT is enabled.
· The I/O ports will maintain their present conditions.
· In the status register, the Power Down flag, PDF, will
be set and the Watchdog time-out flag, TO, will be
cleared.
Entering the IDLE0 Mode
There is only one way for the device to enter the IDLE0
Mode and that is to execute the
²HALT² instruction in the
application program with the IDLEN bit in SMOD register
equal to
²1² and the FSYSON bit in WDTC register equal
to
²0². When this instruction is executed under the condi-
tions described above, the following will occur:
· The system clock will be stopped and the application
program will stop at the
²HALT² instruction, but the
Time Base clock and fSUB clock will be on.
· The Data Memory contents and registers will maintain
their present condition.
· The WDT will be cleared and resume counting if the
WDT clock source is selected to come from the fSUB
clock and the WDT is enabled. The WDT will stop if its
clock source originates from the system clock.
· The I/O ports will maintain their present conditions.
· In the status register, the Power Down flag, PDF, will
be set and the Watchdog time-out flag, TO, will be
cleared.
Entering the IDLE1 Mode
There is only one way for the device to enter the IDLE1
Mode and that is to execute the
²HALT² instruction in the
application program with the IDLEN bit in SMOD register
equal to
²1² and the FSYSON bit in WDTC register equal
to
²1². When this instruction is executed under the with
conditions described above, the following will occur:
· The system clock and Time Base clock and f
SUB clock
will be on and the application program will stop at the
²HALT² instruction.
· The Data Memory contents and registers will maintain
their present condition.
· The WDT will be cleared and resume counting if the
WDT is enabled regardless of the WDT clock source
which originates from the fSUB clock or from the system
clock.
· The I/O ports will maintain their present conditions.
· In the status register, the Power Down flag, PDF, will
be set and the Watchdog time-out flag, TO, will be
cleared.
Standby Current Considerations
As the main reason for entering the SLEEP or IDLE
Mode is to keep the current consumption of the device
to as low a value as possible, perhaps only in the order
of several micro-amps except in the IDLE1 Mode, there
are other considerations which must also be taken into
account by the circuit designer if the power consumption
is to be minimised. Special attention must be made to
the I/O pins on the device. All high-impedance input pins
must be connected to either a fixed high or low level as
any floating input pins could create internal oscillations
and result in increased current consumption. This also
applies to devices which have different package types,
as there may be unbonbed pins. These must either be
setup as outputs or if setup as inputs must have
pull-high resistors connected.
Care must also be taken with the loads, which are con-
nected to I/O pins, which are setup as outputs. These
should be placed in a condition in which minimum cur-
rent is drawn or connected only to external circuits that
do not draw current, such as other CMOS inputs. Also
note that additional standby current will also be required
if the configuration options have enabled the LXT or
LIRC oscillator.
In the IDLE1 Mode the system oscillator is on, if the sys-
tem oscillator is from the high speed system oscillator,
the additional standby current will also be perhaps in the
order of several hundred micro-amps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com