Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9867 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9867
Description  Ultra-Low Power Stereo Audio Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9867 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9867 Datasheet HTML 1Page - Maxim Integrated Products MAX9867 Datasheet HTML 2Page - Maxim Integrated Products MAX9867 Datasheet HTML 3Page - Maxim Integrated Products MAX9867 Datasheet HTML 4Page - Maxim Integrated Products MAX9867 Datasheet HTML 5Page - Maxim Integrated Products MAX9867 Datasheet HTML 6Page - Maxim Integrated Products MAX9867 Datasheet HTML 7Page - Maxim Integrated Products MAX9867 Datasheet HTML 8Page - Maxim Integrated Products MAX9867 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
Ultra-Low Power Stereo Audio Codec
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VAVDD = VPVDD = VDVDD = VDVDDIO = +1.8V, RL = ∞, headphone load (RL) connected between _OUTP and _OUTN in differential
mode, CREF = 2.2µF, CMICBIAS = CPREG = CREG = 1µF, AVPRE = +20dB, AVPGAM = 0dB, AVDAC = 0dB, AVLINE = +20dB, AVVOL =
0dB, MCLK = 13MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages with respect to AGND.)
DVDD, AVDD, and PVDD .........................................-0.3V to +2V
DVDDIO.................................................................-0.3V to +3.6V
DGND and PGND..................................................-0.1V to +0.1V
PREG, REF, REG, MICBIAS ....................-0.3V to (AVDD + 0.3V)
MCLK, LRCLK, BCLK
SDOUT, SDIN .................................-0.3V to (DVDDIO + 0.3V)
SDA, SCL, IRQ ......................................................-0.3V to +3.6V
LOUTP, LOUTN, ROUTP,
ROUTN .................................(PGND - 0.3V) to (PVDD + 0.3V)
LINL, LINR, JACKSNS/AUX, MICLP/DIGMICDATA,
MICLN/DIGMICCLK, MICRP, MICRN..-0.3V to (AVDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
30-Bump WLP (derate 12.5mW/°C above +70°C) ....1000mW
32-Pin TQFN-EP (derate 34.5mW/°C above +70°C) .2759mW
Junction-to-Ambient Thermal Resistance (
θJA) (Note 1)
30-Bump WLP .............................................................80°C/W
32-Pin TQFN-EP ..........................................................29°C/W
Operating Temp Range .......................................-40°C to +85°C
Storage Temp Range ........................................-65°C to +150°C
Lead Temperature (TQFN only, 10s) ...............................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PVDD, DVDD, AVDD
1.65
1.8
1.95
Supply Voltage Range
DVDDIO
1.65
1.8
3.6
V
Analog (AVDD +
PVDD)
4.65
7
Full-duplex 8kHz
mono (voice mode)
(Note 3)
Digital (DVDD +
DVDDIO)
0.96
1.5
Analog (AVDD +
PVDD)
3.28
5
DAC playback 48kHz
stereo (audio mode)
(Note 3)
Digital (DVDD +
DVDDIO)
1.40
2
Analog (AVDD +
PVDD)
8.0
12
Full-duplex 48kHz
stereo (audio mode)
(Note 3)
Digital (DVDD +
DVDDIO)
2.0
3
Analog (AVDD +
PVDD)
3.8
6
Total Supply Current
IVDD
Stereo line-in only
Digital (DVDD +
DVDDIO)
0.004
0.05
mA
Analog (AVDD +
PVDD)
15
Shutdown Supply Current
TA = +25°C
Digital (DVDD +
DVDDIO)
15
µA
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com