Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9867 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # MAX9867
Description  Ultra-Low Power Stereo Audio Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9867 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button MAX9867 Datasheet HTML 45Page - Maxim Integrated Products MAX9867 Datasheet HTML 46Page - Maxim Integrated Products MAX9867 Datasheet HTML 47Page - Maxim Integrated Products MAX9867 Datasheet HTML 48Page - Maxim Integrated Products MAX9867 Datasheet HTML 49Page - Maxim Integrated Products MAX9867 Datasheet HTML 50Page - Maxim Integrated Products MAX9867 Datasheet HTML 51Page - Maxim Integrated Products MAX9867 Datasheet HTML 52Page - Maxim Integrated Products MAX9867 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
Ultra-Low Power Stereo Audio Codec
______________________________________________________________________________________
49
ACKNOWLEDGE FROM MAX9867
1 BYTE
AUTOINCREMENT INTERNAL
REGISTER ADDRESS POINTER
ACKNOWLEDGE FROM MAX9867
A
A
A
AP
0
ACKNOWLEDGE FROM MAX9867
R/W
S
R/W
REPEATED START
Sr
1
SLAVE ADDRESS
REGISTER ADDRESS
SLAVE ADDRESS
DATA BYTE
Figure 15. Reading n Bytes of Data from the MAX9867
Applications Information
Proper layout and grounding are essential for optimum
performance. When designing a PCB for the MAX9867,
partition the circuitry so that the analog sections of the
MAX9867 are separated from the digital sections. This
ensures that the analog audio traces are not routed
near digital traces.
Use a large continuous ground plane on a dedicated
layer of the PCB to minimize loop areas. Connect
AGND and DGND directly to the ground plane using
the shortest trace length possible. Proper grounding
improves audio performance, minimizes crosstalk
between channels, and prevents any digital noise from
coupling into the analog audio signals.
Ground the bypass capacitors on MICBIAS, REG,
PREG, and REF directly to the ground plane with mini-
mum trace length. Also be sure to minimize the path
length to AGND. Bypass AVDD directly to AGND.
Connect all digital I/O termination to the ground plane
with minimum path length to DGND. Bypass DVDD and
DVDDIO directly to DGND.
Route microphone signals from the microphone to the
MAX9867 as a differential pair, ensuring that the posi-
tive and negative signals follow the same path as close-
ly as possible with equal trace length. When using
single-ended microphones or other single-ended audio
sources, ground the negative microphone input as near
as possible to the audio source and then treat the posi-
tive and negative traces as differential pairs.
The MAX9867 TQFN package features an exposed
thermal pad on its underside. Connect the exposed
thermal pad to AGND.
An evaluation kit (EV Kit) is available to provide an
example layout for the MAX9867. The EV kit allows
quick setup of the MAX9867 and includes easy-to-use
software, allowing all internal registers to be controlled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com