Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9867 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX9867
Description  Ultra-Low Power Stereo Audio Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9867 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX9867 Datasheet HTML 17Page - Maxim Integrated Products MAX9867 Datasheet HTML 18Page - Maxim Integrated Products MAX9867 Datasheet HTML 19Page - Maxim Integrated Products MAX9867 Datasheet HTML 20Page - Maxim Integrated Products MAX9867 Datasheet HTML 21Page - Maxim Integrated Products MAX9867 Datasheet HTML 22Page - Maxim Integrated Products MAX9867 Datasheet HTML 23Page - Maxim Integrated Products MAX9867 Datasheet HTML 24Page - Maxim Integrated Products MAX9867 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
Detailed Description
The MAX9867 is a low-power stereo audio codec
designed for portable applications requiring minimum
power consumption.
The stereo playback path accepts digital audio through
a flexible interface compatible with I2S, TDM, and left-
justified signals. An oversampling sigma-delta DAC
converts the incoming digital data stream to analog
audio and outputs the audio through the stereo head-
phone amplifier. The headphone amplifier can be con-
figured in differential, single-ended, and capacitorless
output modes.
The stereo record path has two analog microphone
inputs with selectable gain. An integrated microphone
bias can be used to power the microphones. The left
analog microphone inputs can also accept data from
up to two digital microphones. An oversampling sigma-
delta ADC converts the microphone signals and out-
puts the digital bit stream over the digital audio
interface.
Integrated digital filtering provides a range of notch and
highpass filters for both the playback and record paths
to limit undesirable low-frequency signals and GSM
transmission noise. The digital filtering provides attenuation
of out-of-band energy by over 70dB, eliminating audi-
ble aliasing. A digital sidetone function allows audio
from the record path to be summed into the playback
path after digital filtering.
The MAX9867 also includes two stereo, single-ended
line inputs with gain adjustment, which can be record-
ed by the ADCs and/or output by the headphone ampli-
fiers. An auxiliary ADC accurately measures a DC
voltage by utilizing the right audio ADC and reporting
the DC voltage through the I2C interface. A jack detec-
tion function allows the detection of headphone, micro-
phone, and headset jacks. Insertion and removal
events can be programmed to trigger a hardware inter-
rupt and flag an I2C register bit.
The MAX9867’s flexible clock circuitry utilizes a program-
mable clock divider and a digital PLL, allowing the DAC
and ADC to operate at maximum dynamic range for all
combinations of master clock (MCLK) and sample rate
(LRCLK) without consuming extra supply current. Any
master clock between 10MHz and 60MHz is supported
as are all sample rates from 8kHz to 48kHz. Master and
slave modes are supported for maximum flexibility.
Ultra-Low Power Stereo Audio Codec
______________________________________________________________________________________
21
Pin Description (continued)
PIN/BUMP
TQFN-EP
WLP
NAME
FUNCTION
22
E3
LOUTP
Positive Left-Channel Headphone Output. Connect directly to the load in
differential and capacitorless mode. AC-couple to the load in single-ended mode.
23
E2
PVDD
Headphone Power Supply. Bypass to PGND with a 1µF capacitor.
24, 25
—
N.C.
No Connection
26
E1
DVDDIO
Digital Audio Interface Power Supply. Bypass to DGND with a 1µF capacitor.
27
D1
SDOUT
Digital Audio Serial-Data ADC Output
28
C2
SDIN
Digital Audio Serial-Data DAC Input
29
C1
LRCLK
Digital Audio Left-Right Clock Input/Output. LRCLK is the audio sample rate clock
and determines whether the audio data on SDIN is routed to the left or right
channel. In TDM mode, LRCLK is a frame synchronization pulse. LRCLK is an
input when the MAX9867 is in slave mode and an output when in master mode.
30
B1
BCLK
Digital Audio Bit Clock Input/Output. BCLK is an input when the MAX9867 is in
slave mode and an output when in master mode.
31
B2
MCLK
Master Clock Input. Acceptable input frequency range: 10MHz to 60MHz.
32
A1
DVDD
Digital Power Supply. Supply for the digital circuitry and I
2C interface. Bypass to
DGND with a 1µF capacitor.
—
—
EP
Exposed Pad. Connect the exposed thermal pad to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com