Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA02E48 Datasheet(PDF) 25 Page - Microchip Technology

Part # 24AA02E48
Description  2K I2C??Serial EEPROMs with EUI-48??Node Identity
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA02E48 Datasheet(HTML) 25 Page - Microchip Technology

Back Button 24AA02E48 Datasheet HTML 20Page - Microchip Technology 24AA02E48 Datasheet HTML 21Page - Microchip Technology 24AA02E48 Datasheet HTML 22Page - Microchip Technology 24AA02E48 Datasheet HTML 23Page - Microchip Technology 24AA02E48 Datasheet HTML 24Page - Microchip Technology 24AA02E48 Datasheet HTML 25Page - Microchip Technology 24AA02E48 Datasheet HTML 26Page - Microchip Technology 24AA02E48 Datasheet HTML 27Page - Microchip Technology 24AA02E48 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2010 Microchip Technology Inc.
DS22124D-page25
24AA02E48/24AA025E48
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA02E48:
= 1.7V, 2 Kbit I2C™ Serial EEPROM
with EUI-48™ Node Identity
24AA02E48T: = 1.7V, 2 Kbit I2C Serial EEPROM
with EUI-48™ Node Identity (Tape
and Reel)
24AA025E48: = 1.7V, 2 Kbit I2C Serial EEPROM with
EUI-48™ Node Identity and Address
Pins
24AA025E48T = 1.7V, 2 Kbit I2C Serial EEPROM with
EUI-48™ Node Identity and Address
Pins (Tape and Reel)
Temperature
Range:
I
=
-40°C to +85°C
Package:
SN
=
Plastic SOIC (3.90 mm body), 8-lead
OT
=
SOT-23 (Tape and Reel only)
Examples:
a)
24AA02E48-I/SN: Industrial Tempera-
ture, 1.7V, SOIC package
b)
24AA02E48T-I/OT: Industrial Tempera-
ture, 1.7V, SOT-23 package, tape and
reel
c)
24AA025E48-I/SN: Industrial Temperature,
1.7V, Cascadable, SOIC package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com