Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA02E48 Datasheet(PDF) 13 Page - Microchip Technology

Part # 24AA02E48
Description  2K I2C??Serial EEPROMs with EUI-48??Node Identity
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA02E48 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24AA02E48 Datasheet HTML 9Page - Microchip Technology 24AA02E48 Datasheet HTML 10Page - Microchip Technology 24AA02E48 Datasheet HTML 11Page - Microchip Technology 24AA02E48 Datasheet HTML 12Page - Microchip Technology 24AA02E48 Datasheet HTML 13Page - Microchip Technology 24AA02E48 Datasheet HTML 14Page - Microchip Technology 24AA02E48 Datasheet HTML 15Page - Microchip Technology 24AA02E48 Datasheet HTML 16Page - Microchip Technology 24AA02E48 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2010 Microchip Technology Inc.
DS22124D-page 13
24AA02E48/24AA025E48
9.0
PRE-PROGRAMMED EUI-48™
NODE ADDRESS
The 24AAXXXE48 is programmed at the factory with a
globally unique, EUI-48™ and EUI-64™ compatible
node address stored in the upper half of the array and
permanently write-protected. The remaining 1,024 bits
are available for application use.
FIGURE 9-1:
MEMORY ORGANIZATION
The 6-byte EUI-48 node address value is stored in
array locations 0xFA through 0xFF, as shown in
Figure 9-2. The first 3 bytes are the Organizationally
Unique Identifier (OUI) assigned to Microchip by the
IEEE Registration Authority. Microchip’s OUI is
0x0004A3. The remaining 3 bytes are the Extension
Identifier, and are generated by Microchip to ensure a
globally-unique, 48-bit value.
9.1
EUI-64™ Support
The pre-programmed EUI-48 node address can easily
be encapsulated at the application level to form a glob-
ally unique, 64-bit node address for systems utilizing
the EUI-64 standard. This is done by adding 0xFFFE
between the OUI and the Extension Identifier, as
shown below.
FIGURE 9-2:
EUI-48 NODE ADDRESS PHYSICAL MEMORY MAP EXAMPLE
00h
80h
FFh
Write-Protected
EUI-48™ Block
Standard
EEPROM
FAh
FFh
24-bit Organizationally
Unique Identifier
24-bit Extension
Identifier
00h
04h
A3h
12h
34h
56h
Corresponding EUI-48™ Node Address: 00-04-A3-12-34-56
Description
Data
Array
Address
Corresponding EUI-64™ Node Address: 00-04-A3-FF-FE-12-34-56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com