Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA02E48 Datasheet(PDF) 6 Page - Microchip Technology

Part # 24AA02E48
Description  2K I2C??Serial EEPROMs with EUI-48??Node Identity
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA02E48 Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24AA02E48 Datasheet HTML 2Page - Microchip Technology 24AA02E48 Datasheet HTML 3Page - Microchip Technology 24AA02E48 Datasheet HTML 4Page - Microchip Technology 24AA02E48 Datasheet HTML 5Page - Microchip Technology 24AA02E48 Datasheet HTML 6Page - Microchip Technology 24AA02E48 Datasheet HTML 7Page - Microchip Technology 24AA02E48 Datasheet HTML 8Page - Microchip Technology 24AA02E48 Datasheet HTML 9Page - Microchip Technology 24AA02E48 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
24AA02E48/24AA025E48
DS22124D-page 6
 2010 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
Serial Address/Data Input/Output
(SDA)
SDA is a bidirectional pin used to transfer addresses
and data into and out of the device. Since it is an open-
drain terminal, the SDA bus requires a pull-up resistor
to VCC (typical 10 k
 for 100 kHz, 2 k for 400 kHz).
For normal data transfer, SDA is allowed to change
only during SCL low. Changes during SCL high are
reserved for indicating Start and Stop conditions.
2.2
Serial Clock (SCL)
The SCL input is used to synchronize the data transfer
to and from the device.
2.3
A0, A1, A2 Chip Address Inputs
The A0, A1 and A2 pins are not used by the
24AA02E48. They may be left floating or tied to either
VSS or VCC.
For the 24AA025E48, the levels on the A0, A1 and A2
inputs are compared with the corresponding bits in the
slave address. The chip is selected if the compare is
true. For the 6-lead SOT-23 package, pin A2 is not
connected and its corresponding bit in the slave
address should always be set to ‘0’.
Up to eight 24AA025E48 devices (four for the SOT-23
package) may be connected to the same bus by using
different Chip Select bit combinations. These inputs
must be connected to either VSS or VCC.
Name
SOIC
5-Pin SOT-23
6-Pin SOT-23
Description
A0
1
—
5
Chip Address Input(1)
A1
2
—
4
Chip Address Input(1)
A2
3
—
—
Chip Address Input(1)
VSS
422
Ground
SDA
5
3
3
Serial Address/Data I/O
SCL
6
1
1
Serial Clock
NC
7
5
—
Not Connected
VCC
8
4
6
+1.7V to 5.5V Power Supply
Note 1:
Chip address inputs A0, A1 and A2 are not connected on the 24AA02E48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com