Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4331-503E/ST Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP4331-503E/ST
Description  7/8-Bit Quad SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4331-503E/ST Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP4331-503E/ST Datasheet HTML 48Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 49Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 50Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 51Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 52Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 53Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 54Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 55Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
MCP433X/435X
DS22242A-page 52
 2010 Microchip Technology Inc.
TABLE 7-2:
MEMORY MAP AND THE SUPPORTED COMMANDS
Address
Command
Data
(10-bits) (1)
SPI String (Binary)
Value
Function
MOSI (SDI pin)
MISO (SDO pin) (2)
00h
Volatile Wiper 0
Write Data
nn nnnn nnnn
0000 00nn
nnnn nnnn 1111 1111 1111 1111
Read Data
nn nnnn nnnn
0000 11nn
nnnn nnnn 1111 111n nnnn nnnn
Increment Wiper
—
0000 0100
1111 1111
Decrement Wiper
—
0000 1000
1111 1111
01h
Volatile Wiper 1
Write Data
nn nnnn nnnn
0001 00nn
nnnn nnnn 1111 1111 1111 1111
Read Data
nn nnnn nnnn
0001 11nn
nnnn nnnn 1111 111n nnnn nnnn
Increment Wiper
—
0001 0100
1111 1111
Decrement Wiper
—
0001 1000
1111 1111
02h
Reserved
None
—
—
—
03h
Reserved
None
—
—
—
04h (3)
Volatile
TCON 0 Register
Write Data
nn nnnn nnnn
0100 00nn
nnnn nnnn 1111 1111 1111 1111
Read Data
nn nnnn nnnn
0100 11nn
nnnn nnnn 1111 111n nnnn nnnn
05h
Reserved
None
—
—
—
06h
Volatile Wiper 2
Write Data
nn nnnn nnnn
0110 00nn
nnnn nnnn 1111 1111 1111 1111
Read Data
nn nnnn nnnn
0110 11nn
nnnn nnnn 1111 111n nnnn nnnn
Increment Wiper
—
0110 0100
1111 1111
Decrement Wiper
—
0110 1000
1111 1111
07h
Volatile Wiper 3
Write Data
nn nnnn nnnn
0111 00nn
nnnn nnnn 1111 1111 1111 1111
Read Data
nn nnnn nnnn
0111 11nn
nnnn nnnn 1111 111n nnnn nnnn
Increment Wiper
—
0111 0100
1111 1111
Decrement Wiper
—
0111 1000
1111 1111
08h
Reserved
None
—
—
—
09h
Reserved
None
—
—
—
0Ah (3)
Volatile
TCON 1 Register
Write Data
nn nnnn nnnn
1010 00nn
nnnn nnnn 1111 1111 1111 1111
Read Data
nn nnnn nnnn
1010 11nn
nnnn nnnn 1111 111n nnnn nnnn
0Bh-0Fh
Reserved
None
—
—
—
Note 1:
The data memory is only 9-bits wide, so the MSb is ignored by the device.
2:
All these address/command combinations are valid, so the CMDERR bit is set. Any other address/command combina-
tion is a command error state and the CMDERR bit will be clear.
3:
Increment or Decrement commands are invalid for these addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com