Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4331-503E/ST Datasheet(PDF) 79 Page - Microchip Technology

Part # MCP4331-503E/ST
Description  7/8-Bit Quad SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4331-503E/ST Datasheet(HTML) 79 Page - Microchip Technology

Back Button MCP4331-503E/ST Datasheet HTML 75Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 76Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 77Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 78Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 79Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 80Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 81Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 82Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 88 page
background image
 2010 Microchip Technology Inc.
DS22242A-page 79
MCP433X/435X
APPENDIX B: CHARACTERIZATION
DATA ANALYSIS
Some designers may desire to understand the device
operational characteristics outside of the specified
operating conditions of the device.
Applications where the knowledge of the resistor
network characteristics could be useful include battery
powered devices and applications that experience
brown-out conditions.
In battery applications the application voltage decays
over time until new batteries are installed. As the
voltage decays, the system will continue to operate. At
some voltage level, the application will be below its
specified operating voltage range. This is dependent
on the individual components used in the design. It is
still useful to understand the device characteristics to
expect when this low-voltage range is encountered.
Unlike a microcontroller which can use an external
supervisor device to force the controller into the Reset
state, a digital potentiometer’s resistance characteristic
is not specified. But understanding the operational
characteristics can be important in the design of the
applications circuit for this low-voltage condition.
Other application system scenarios where understand-
ing the low-voltage characteristics of the resistor net-
work could be important is for system brown out
conditions.
For the MCP433X/435X devices, the analog operation
is specified at a minimum of 2.7V. Device testing has
Terminal A connected to the device VDD (for
potentiometer configuration only) and Terminal B
connected to VSS.
B.1
Low-Voltage Operation
This
appendix
gives
an
overview
of
CMOS
semiconductor characteristics at lower voltages. This is
important
so
that
the
1.8V
resistor
network
characterization graphs of the MCP433X/435X devices
can be better understood.
For this discussion, we will use the 5 k
 device data.
This data was chosen since the variations of wiper
resistance has much greater implications for devices
with smaller RAB resistances.
Figure B-1 shows the worst case RBW error from the
average RBW as a percentage, while Figure B-2 shows
the RBW resistance verse wiper code graph. Nonlinear
behavior occurs at approximately wiper code 160. This
is better shown in Figure B-2, where the RBW
resistance changes from a linear slope. This change is
due to the change in the wiper resistance.
FIGURE B-1:
1.8V Worst Case RBW Error
from Average RBW (RBW0-RBW3) vs. Wiper Code
and Temperature (VDD = 1.8V, IW = 190 µA).
FIGURE B-2:
RBW vs. Wiper Code And
Temperature (VDD = 1.8V, IW = 190 µA).
-7.00%
-6.00%
-5.00%
-4.00%
-3.00%
-2.00%
-1.00%
0.00%
1.00%
2.00%
0
32
64
96
128
160
192
224
256
Wiper Code
-40C
+25C
+85C
+125C
0
1000
2000
3000
4000
5000
6000
7000
0
32
64
96
128
160
192
224
256
Wiper Code
-40C
+25C
+85C
+125C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com