Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4331-503E/ST Datasheet(PDF) 80 Page - Microchip Technology

Part # MCP4331-503E/ST
Description  7/8-Bit Quad SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4331-503E/ST Datasheet(HTML) 80 Page - Microchip Technology

Back Button MCP4331-503E/ST Datasheet HTML 76Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 77Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 78Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 79Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 80Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 81Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 82Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 83Page - Microchip Technology MCP4331-503E/ST Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
MCP433X/435X
DS22242A-page 80
 2010 Microchip Technology Inc.
Figure B-3 and Figure B-4 show the wiper resistance
for VDD voltages of 5.5, 3.0, 1.8 Volts. These graphs
show that as the resistor ladder wiper node voltage
(VWCn) approaches the VDD/2 voltage, the wiper
resistance increases. These graphs also show the
different resistance characteristics of the NMOS and
PMOS transistors that make up the wiper switch. This
is demonstrated by the wiper code resistance curve,
which does not mirror itself around the mid-scale code
(wiper code = 128).
So why is the RW graphs showing the maximum
resistance at about mid-scale (wiper code = 128) and
the RBW graphs showing the issue at code 160?
This requires understanding low-voltage transistor
characteristics as well as how the data was measured.
FIGURE B-3:
Wiper Resistance (RW) vs.
Wiper Code and Temperature
(VDD = 5.5V, IW = 900 UA; VDD = 3.0V,
IW = 480 µA).
FIGURE B-4:
Wiper Resistance (RW) vs.
Wiper Code and Temperature
(VDD = 1.8V, IW = 260 µA).
The method in which the data was collected is
important to understand. Figure B-5 shows the
technique that was used to measure the RBW and RW
resistance. In this technique Terminal A is floating and
Terminal B is connected to ground. A fixed current is
then forced into the wiper (IW) and the corresponding
wiper voltage (VW) is measured. Forcing a known
current through RBW (IW) and then measuring the
voltage difference between the wiper (VW) and
Terminal A (VA), the wiper resistance (RW) can be
calculated, see Figure B-5. Changes in IW current will
change the wiper voltage (VW). This may effect the
device’s wiper resistance (RW).
FIGURE B-5:
RBW and RW Measurement.
Figure B-6 shows a block diagram of the resistor
network where the RAB resistor is a series of 256 RS
resistors. These resistors are polysilicon devices. Each
wiper switch is an analog switch made up of an NMOS
and PMOS transistor. A more detailed figure of the
wiper switch is shown in Figure B-7. The wiper
resistance is influenced by the voltage on the wiper
switches nodes (VG, VW and VWCn). Temperature also
influences the characteristics of the wiper switch, see
Figure B-4.
The NMOS transistor and PMOS transistor have
different characteristics. These characteristics as well
as the wiper switch node voltages determine the RW
resistance at each wiper code. The variation of each
wiper switch’s characteristics in the resistor network is
greater then the variation of the RS resistors.
The voltage on the resistor network node (VWCn) is
dependent upon the wiper code selected and the
voltages applied to VA, VB and VW. The wiper switch VG
voltage to VW or VWCn voltage determines how strongly
the transistor is turned on. When the transistor is
weakly turned on the wiper resistance RW will be high.
When the transistor is strongly turned on, the wiper
resistance (RW) will be in the typical range.
20
40
60
80
100
120
140
160
180
200
220
0
64
128
192
256
Wiper Code
-40C @ 3.0V
+25C @ 3.0V
+85C @ 3.0V
+125C @ 3.0V
-40C @5.5V
+25C @ 5.5V
+85C @ 5.5V
+125C @ 5.5V
20
520
1020
1520
2020
0
64
128
192
256
Wiper Code
-40C @ 1.8V
+25C @ 1.8V
+85C @ 1.8V
+125C @ 1.8V
A
B
W
IW
VW
floating
RBW = VW/IW
VA
VB
RW = (VW-VA)/IW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com