Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4331-103E/ML Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP4331-103E/ML
Description  7/8-Bit Quad SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4331-103E/ML Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP4331-103E/ML Datasheet HTML 33Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 34Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 35Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 36Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 37Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 38Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 39Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 40Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
 2010 Microchip Technology Inc.
DS22242A-page 37
MCP433X/435X
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
Additional descriptions of the device pins follows.
TABLE 3-1:
PINOUT DESCRIPTION FOR THE MCP433X/435X
Pin
Weak
Pull-up/
down
(Note 1)
Standard Function
TSSOP
QFN
Symbol
I/O
Buffer
Type
14L
20L
20L
—1
19
P3A
A
Analog
No
Potentiometer 3 Terminal A
12
20
P3W
A
Analog
No
Potentiometer 3 Wiper Terminal
23
1
P3B
A
Analog
No
Potentiometer 3 Terminal B
34
2
CS
I
HV w/ST
“smart” SPI Chip Select Input
45
3
SCK
I
HV w/ST
“smart” SPI Clock Input
56
4
SDI
I
HV w/ST
“smart” SPI Serial Data Input
67
5
VSS
—P
—
Ground
78
6
P1B
A
Analog
No
Potentiometer 1 Terminal B
89
7
P1W
A
Analog
No
Potentiometer 1 Wiper Terminal
—10
8
P1A
A
Analog
No
Potentiometer 1 Terminal A
—11
9
P0A
A
Analog
No
Potentiometer 0 Terminal A
912
10
P0W
A
Analog
No
Potentiometer 0 Wiper Terminal
10
13
11
P0B
A
Analog
No
Potentiometer 0 Terminal B
—14
12
NC
I
I
—
No Connect
—15
13
RESET
I
HV w/ST
Yes
Hardware Reset Pin
11
16
14
SDO
O
O
No
SPI Serial Data Output
12
17
15
VDD
—P
—
Positive Power Supply Input
13
18
16
P2B
A
Analog
No
Potentiometer 2 Terminal B
14
19
17
P2W
A
Analog
No
Potentiometer 2 Wiper Terminal
—20
18
P2A
A
Analog
No
Potentiometer 2 Terminal A
——
21
EP
—
—
—
Exposed Pad. (Note 2)
Legend:
HV w/ST = High Voltage tolerant input (with Schmitt trigger input)
A = Analog pins (Potentiometer terminals)
I = digital input (high Z)
O = digital output
I/O = Input / Output
P = Power
Note 1:
The pin’s “smart” pull-up shuts off while the pin is forced low. This is done to reduce the standby and
shutdown current.
2:
The QFN package has a contact on the bottom of the package. This contact is conductively connected to
the die substrate, and therefore should be unconnected or connected to the same ground as the device’s
VSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com