Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4331-103E/ML Datasheet(PDF) 83 Page - Microchip Technology

Part # MCP4331-103E/ML
Description  7/8-Bit Quad SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4331-103E/ML Datasheet(HTML) 83 Page - Microchip Technology

Back Button MCP4331-103E/ML Datasheet HTML 79Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 80Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 81Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 82Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 83Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 84Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 85Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 86Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 88 page
background image
 2010 Microchip Technology Inc.
DS22242A-page 83
MCP433X/435X
B.2
Optimizing Circuit Design for Low-
Voltage Characteristics
The low-voltage nonlinear characteristics can be
minimized by application design. The section will show
two application circuits that can be used to control a
programmable reference voltage (VOUT).
Minimizing the low-voltage nonlinear characteristics is
done by keeping the voltages on the wiper switch
nodes at a voltage where either the NMOS or PMOS
transistor is turned on.
An example of this is if we are using a digital potentiom-
eter for a voltage reference (VOUT). Lets say that we
want VOUT to range from 0.5 * VDD to 0.6 * VDD.
In example implementation #1 (Figure B-15) we
window the digital potentiometer using resistors R1 and
R2. When the wiper code is at full scale the VOUT
voltage will be
 0.6 * VDD, and when the wiper code is
at zero scale the VOUT voltage will be  0.5 * VDD.
Remember that the digital potentiometers RAB variation
must be included. Table B-1 shows that the VOUT volt-
age can be selected to be between 0.455 * VDD and
0.727 * VDD, which includes the desired range. With
respect to the voltages on the resistor network node, at
1.8V the VA voltage would range from 1.29V to 1.31V
while the VB voltage would range from 0.82V to 0.86V.
These voltages cause the wiper resistance to be in the
nonlinear region (see Figure B-12). In Potentiometer
mode, the variation of the wiper resistance is typically
not an issue, as shown by the INL/DNL graph
(Figure 2-7).
In example implementation #2 (Figure B-16) we use
the digital potentiometer in Rheostat mode. The resis-
tor ladder uses resistors R1 and R2 with RBW at the
bottom of the ladder. When the wiper code is at full
scale, the VOUT voltage will be  0.6 * VDD and when
the wiper code is at full scale the VOUT voltage will be
 0.5 * VDD. Remember that the digital potentiometers
RAB variation must be included. Table B-2 shows that
the VOUT voltage can be selected to be between 0.50 *
VDD and 0.687 * VDD, which includes the desired
range. With respect to the voltages on the resistor net-
work node, at 1.8V the VW voltage would range from
0.29V to 0.38V. These voltages cause the wiper
resistance to be in the linear region (see Figure B-12).
FIGURE B-15:
Example Implementation #1.
TABLE B-1:
EXAMPLE #1 VOLTAGE
CALCULATIONS
Variation
Min
Typ
Max
R1
12,000
12,000
12,000
R2
20,000
20,000
20,000
RAB
8,000
10,000
12,000
VOUT (@ FS) 0.714 VDD
0.70 VDD
0.727 VDD
VOUT (@ ZS) 0.476 VDD
0.50 VDD
0.455 VDD
VA
0.714 VDD
0.70 VDD
0.727 VDD
VB
0.476 VDD
0.50 VDD
0.455 VDD
Legend: FS – Full Scale, ZS – Zero Scale
A
B
W
VW
VA
VB
R1
R2
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com