Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4331-103E/ML Datasheet(PDF) 82 Page - Microchip Technology

Part # MCP4331-103E/ML
Description  7/8-Bit Quad SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4331-103E/ML Datasheet(HTML) 82 Page - Microchip Technology

Back Button MCP4331-103E/ML Datasheet HTML 78Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 79Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 80Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 81Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 82Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 83Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 84Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 85Page - Microchip Technology MCP4331-103E/ML Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 88 page
background image
MCP433X/435X
DS22242A-page 82
 2010 Microchip Technology Inc.
Using the simulation models of the NMOS and PMOS
devices for the MCP43XX analog switch (Figure B-10),
we plot the device resistance when the devices are
turned on. Figure B-11 and Figure B-12 show the
resistances of the NMOS and PMOS devices as the
VIN voltage is increased. The wiper resistance (RW) is
simply the parallel resistance on the NMOS and PMOS
devices (RW = RNMOS || RPMOS). Below the threshold
voltage for the NMOS ad PMOS devices, the
resistance becomes very large (Giga
s). In the
transistors active region, the resistance is much lower.
For these graphs, the resistances are on different
scales. Figure B-13 and Figure B-14 only plots the
NMOS and PMOS device resistance for their active
region and the resulting wiper resistance. For these
graphs, all resistances are on the same scale.
FIGURE B-10:
Analog Switch.
FIGURE B-11:
NMOS and PMOS
Transistor Resistance (RNMOS, RPMOS) and
Wiper Resistance (RW) VS. VIN
(VDD = 3.0V).
FIGURE B-12:
NMOS and PMOS
Transistor Resistance (RNMOS, RPMOS) and
Wiper Resistance (RW) VS. VIN
(VDD = 1.8V).
FIGURE B-13:
NMOS and PMOS
Transistor Resistance (RNMOS, RPMOS) and
Wiper Resistance (RW) VS. VIN
(VDD = 3.0V).
FIGURE B-14:
NMOS and PMOS
Transistor Resistance (RNMOS, RPMOS) and
Wiper Resistance (RW) VS. VIN
(VDD = 1.8V).
RW
NMOS
PMOS
VG (VDD/VSS)
“gate”
“gate”
VOUT
VIN
0.00E+00
5.00E+09
1.00E+10
1.50E+10
2.00E+10
2.50E+10
3.00E+10
0.0
0.3
0.6
0.9
1.2
1.5
1.8
VIN Voltage
0
500
1000
1500
2000
2500
RPMOS
RNMOS
RW
PMOS
Theshold
NMOS
Theshold
0.00E+00
1.00E+09
2.00E+09
3.00E+09
4.00E+09
5.00E+09
6.00E+09
7.00E+09
0.0
0.6
1.2
1.8
2.4
3.0
VIN Voltage
0
20
40
60
80
100
120
140
160
RPMOS
RNMOS
RW
PMOS
Theshold
NMOS
Theshold
0
50
100
150
200
250
300
0.0
0.6
1.2
1.8
2.4
3.0
VIN Voltage
RPMOS
RNMOS
RW
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
0.0
0.3
0.6
0.9
1.2
1.5
1.8
VIN Voltage
RPMOS
RNMOS
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com