Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4331T-103E/ST Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP4331T-103E/ST
Description  7/8-Bit Quad SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4331T-103E/ST Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP4331T-103E/ST Datasheet HTML 16Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 17Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 18Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 19Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 20Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 21Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 22Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 23Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
MCP433X/435X
DS22242A-page 20
 2010 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-15:
5k
– Worst Case RBW
from Average RBW (RBW0-RBW3) Error (%) vs.
Wiper Setting and Temperature
(VDD = 5.5V, IW = 190 µA).
FIGURE 2-16:
5k
– Worst Case RBW
from Average RBW (RBW0-RBW3) Error (%) vs.
Wiper Setting and Temperature
(VDD = 3.0V, IW = 190 µA).
FIGURE 2-17:
5k
– Worst Case RBW
from Average RBW (RBW0-RBW3) Error (%) vs.
Wiper Setting and Temperature
(VDD = 1.8V, IW = 190 µA).
FIGURE 2-18:
5k
– RWB PPM/°C vs.
Wiper Setting. (RBW(code=n, 125°C)-RBW(code=n,
-40°C) )/RBW(code = 256, 25°C)/165°C * 1,000,000)
(VDD = 5.5V, IW = 190 µA).
FIGURE 2-19:
5k
– RWB PPM/°C vs.
Wiper Setting. (RBW(code=n, 125°C)-RBW(code=n,
-40°C) )/RBW(code = 256, 25°C)/165°C * 1,000,000)
(VDD = 3.0V, IW = 190 µA).
FIGURE 2-20:
5k
– RWB PPM/°C vs.
Wiper Setting. (RBW(code=n, 125°C)-RBW(code=n,
-40°C) )/RBW(code = 256, 25°C)/165°C * 1,000,000)
(VDD = 1.8V, IW = 190 µA).
-2.50%
-1.50%
-0.50%
0.50%
1.50%
2.50%
0
32
64
96
128
160
192
224
256
Wiper Code
-40C
+25C
+85C
+125C
-2.50%
-1.50%
-0.50%
0.50%
1.50%
2.50%
0
32
64
96
128
160
192
224
256
Wiper Code
-40C
+25C
+85C
+125C
-7.00%
-6.00%
-5.00%
-4.00%
-3.00%
-2.00%
-1.00%
0.00%
1.00%
2.00%
0
32
64
96
128
160
192
224
256
Wiper Code
-40C
+25C
+85C
+125C
Note:
See Appendix B: for additional infor-
mation of RW resistance variation char-
acteristics for VDD > 2.7V.
40
42
44
46
48
50
52
54
0
32
64
96
128 160 192 224 256
Wiper Code
CH0
CH1
CH2
CH3
60
65
70
75
80
85
90
95
100
0
32
64
96
128
160
192
224
256
Wiper Code
CH0
CH1
CH2
CH3
-2000
-1500
-1000
-500
0
500
0
32
64
96
128
160
192
224
256
Wiper Code
CH0
CH1
CH2
CH3
Note:
See Appendix B: for additional infor-
mation of RW resistance variation char-
acteristics for VDD > 2.7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com