Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4331T-103E/ST Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP4331T-103E/ST
Description  7/8-Bit Quad SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4331T-103E/ST Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP4331T-103E/ST Datasheet HTML 6Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 7Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 8Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 9Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 10Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 11Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 12Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 13Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
MCP433X/435X
DS22242A-page 10
 2010 Microchip Technology Inc.
Capacitance (PA)CAW
—
75
—
pF
f =1 MHz, Code = Full Scale
Capacitance (Pw)CW
—
120
—
pF
f =1 MHz, Code = Full Scale
Capacitance (PB)CBW
—
75
—
pF
f =1 MHz, Code = Full Scale
Digital Inputs/Outputs (CS, SDI, SDO, SCK, WP, RESET)
Schmitt Trigger
High Input
Threshold
VIH
0.45 VD
D
——
V
2.7V
 VDD  5.5V
(Allows 2.7V Digital VDD with
5V Analog VDD)
0.5 VDD
——
V
1.8V
 VDD  2.7V
Schmitt Trigger
Low Input
Threshold
VIL
——
0.2VDD
V
Hysteresis of
Schmitt Trigger
Inputs
VHYS
—0.1VDD
—V
High Voltage Input
Entry Voltage
VIHH
8.5
—
12.5 (6)
V
High Voltage Input
Exit Voltage
VIHH
——
VDD +
0.8V
V
High Voltage Limit
VMAX
——
12.5 (6)
V
Pin can tolerate VMAX or less.
Output Low
Voltage (SDO)
VOL
VSS
—0.3VDD
VIOL = 5 mA, VDD = 5.5V
VSS
—0.3VDD
VIOL = 1 mA, VDD = 1.8V
Output High
Voltage (SDO)
VOH
0.7VDD
—VDD
VIOH = -2.5 mA, VDD = 5.5V
0.7VDD
—VDD
VIOL = -1 mA, VDD = 1.8V
AC/DC CHARACTERISTICS (CONTINUED)
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
 TA  +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, 5 k, 10 k, 50 k, 100 k devices.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Resistance is defined as the resistance between terminal A to terminal B.
2:
INL and DNL are measured at VW with VA = VDD and VB = VSS.
3:
MCP43X1 only.
4:
MCP43X2 only, includes VWZSE and VWFSE.
5:
Resistor terminals A, W and B’s polarity with respect to each other is not restricted.
6:
This specification by design.
7:
Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and
temperature.
8:
The MCP43X1 is externally connected to match the configurations of the MCP43X2, and then tested.
9:
POR/BOR is not rate dependent.
10: Supply current is independent of current through the resistor network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com