Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4331T-103E/ST Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP4331T-103E/ST
Description  7/8-Bit Quad SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4331T-103E/ST Datasheet(HTML) 1 Page - Microchip Technology

  MCP4331T-103E/ST Datasheet HTML 1Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 2Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 3Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 4Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 5Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 6Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 7Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 8Page - Microchip Technology MCP4331T-103E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
 2010 Microchip Technology Inc.
DS22242A-page 1
MCP433X/435X
Features
• Quad Resistor Network
• Potentiometer or Rheostat Configuration Options
• Resistor Network Resolution:
- 7-bit: 128 Resistors (129 Taps)
- 8-bit: 256 Resistors (257 Taps)
•RAB Resistances Options of:
-5 k
-10 k
-50 k
-100 k
• Zero Scale to Full Scale Wiper Operation
• Low Wiper Resistance: 75
 (typical)
•Low Tempco:
- Absolute (Rheostat): 50 ppm typical
(0°C to 70°C)
- Ratiometric (Potentiometer): 15 ppm typical
• SPI Serial Interface (10 MHz, Modes 0,0 and 1,1):
- High-Speed Read/Writes to wiper registers
• Resistor Network Terminal Disconnect Feature
via Terminal Control (TCON) Register
• Reset Input Pin
• Brown-out Reset Protection (1.5V typical)
• Serial Interface Inactive Current (2.5 µA typical)
• High-Voltage Tolerant Digital Inputs: Up to 12.5V
• Supports Split Rail Applications
• Internal Weak Pull-up on all Digital Inputs
• Wide Operating Voltage:
- 2.7V to 5.5V – Device Characteristics
Specified
- 1.8V to 5.5V – Device Operation
• Wide Bandwidth (-3 dB) Operation:
- 2 MHz (typical) for 5.0 k
 device
• Extended Temperature Range (-40°C to +125°C)
Package Types (Top View)
MCP43X1 Quad Potentiometers
TSSOP
1
2
3
4
14
15
17
18
67
89
12
13 RESET
SDO
NC
SDI
P3B
SCK
CS
19
20
VDD
MCP43X2 Quad Rheostat
TSSOP
5
VSS
10
11 P0B
16
1
2
3
4
17
18
19
20
RESET
SDO
NC
VDD
5
6
7
14
15
16
P0W
P0B
P0A
P1A
P1W
P1B
VSS
CS
SDI
SCK
8
9
10
P3B
P3W
P3A
12
13
P2W
P2A
P2B
11
1
2
3
4
11
12
13
14
P0B
SDO
P0W
VDD
5
6
7
8
9
10
P2W
P1W
P2B
P3B
P3W
P1B
VSS
CS
SDI
SCK
EP
21
MCP43X1 Quad Potentiometers
4x4 QFN*
* Includes Exposed Thermal Pad (EP); see Table 3-1.
7/8-Bit Quad SPI Digital POT with Volatile Memory


Similar Part No. - MCP4331T-103E/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4341103E/ML MICROCHIP-MCP4341103E/ML Datasheet
2Mb / 80P
7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
03/26/09
MCP4341103E/ST MICROCHIP-MCP4341103E/ST Datasheet
2Mb / 80P
7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
03/26/09
MCP4341104E/ML MICROCHIP-MCP4341104E/ML Datasheet
2Mb / 80P
7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
03/26/09
MCP4341104E/ST MICROCHIP-MCP4341104E/ST Datasheet
2Mb / 80P
7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
03/26/09
MCP4341502E/ML MICROCHIP-MCP4341502E/ML Datasheet
2Mb / 80P
7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
03/26/09
More results

Similar Description - MCP4331T-103E/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP453X MICROCHIP-MCP453X Datasheet
2Mb / 88P
7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
MCP414X MICROCHIP-MCP414X Datasheet
2Mb / 88P
7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
2008
MCP413X MICROCHIP-MCP413X Datasheet
2Mb / 88P
7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
2008
MCP454X MICROCHIP-MCP454X Datasheet
2Mb / 92P
7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
2008
MCP434X MICROCHIP-MCP434X Datasheet
2Mb / 80P
7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
2009
MCP41HVX1 MICROCHIP-MCP41HVX1 Datasheet
2Mb / 90P
7/8-Bit Single, 36V (짹18V) Digital POT with SPI Serial Interface and Volatile Memory
2013
MCP453X MICROCHIP-MCP453X_13 Datasheet
3Mb / 102P
7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008-2013
MCP4361-103E MICROCHIP-MCP4361-103E Datasheet
2Mb / 80P
7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
03/26/09
MCP4461-103E MICROCHIP-MCP4461-103E Datasheet
4Mb / 100P
7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
MCP443X MICROCHIP-MCP443X Datasheet
5Mb / 94P
7/8-Bit Volatile Quad Digital POT with I2C Interface
08/04/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com