Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3J36FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3J36FS
Description  Power Management Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J36FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3J36FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3J36FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3J36FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3J36FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3J36FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM3J36FS
2008-06-11
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J36FS
Power Management Switches
• 1.5-V drive
• Low ON-resistance: Ron = 3.60 Ω (max) (@VGS = -1.5 V)
: Ron = 2.70 Ω (max) (@VGS = -1.8 V)
: Ron = 1.60 Ω (max) (@VGS = -2.8 V)
: Ron = 1.31 Ω (max) (@VGS = -4.5 V)
Absolute Maximum Ratings (Ta = 25 °C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
-20
V
Gate-source voltage
VGSS
±8
V
DC
ID
-330
Drain current
Pulse
IDP
-660
mA
Drain power dissipation
PD (Note1)
150
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Note1: Mounted on an FR4 board
(25.4 mm
× 25.4 mm × 1.6mm, Cu Pad: 0.36 mm2 ×3
)
Marking
Equivalent Circuit (top view)
Handling Precaution
When handling individual devices (which are not yet mounted on a circuit board), ensure that the environment is
protected against static electricity. Operators should wear anti-static clothing, and containers and other objects that come
into direct contact with devices should be made of anti-static materials.
Usage Considerations
Let Vth be the voltage applied between gate and source that causes the drain current (ID) to below −1 mA for the
SSM3J36FS). Then, for normal switching operation, VGS(on) must be higher than Vth, and VGS(off) must be lower than
Vth. This relationship can be expressed as: VGS(off) < Vth < VGS(on).
Take this into consideration when using the device.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-2H1B
Weight: 2.4 mg (typ.)
P X
1
2
3
12
3


Similar Part No. - SSM3J36FS

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSM3J36FS VBSEMI-SSM3J36FS Datasheet
1,010Kb / 8P
P-Channel 20 V (D-S) MOSFET
More results

Similar Description - SSM3J36FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6P36FE TOSHIBA-SSM6P36FE Datasheet
196Kb / 5P
Power Management Switches
SSM3J36TU TOSHIBA-SSM3J36TU Datasheet
186Kb / 5P
Power Management Switches
SSM6J414TU TOSHIBA-SSM6J414TU Datasheet
221Kb / 9P
Power Management Switches
SSM6J505NU TOSHIBA-SSM6J505NU Datasheet
241Kb / 9P
Power Management Switches
SSM3J331R TOSHIBA-SSM3J331R Datasheet
236Kb / 9P
Power Management Switches
SSM6L807R TOSHIBA-SSM6L807R Datasheet
552Kb / 12P
Power Management Switches
SSM6L820R TOSHIBA-SSM6L820R Datasheet
354Kb / 12P
Power Management Switches
SSM6N68NU TOSHIBA-SSM6N68NU Datasheet
263Kb / 9P
Power Management Switches
SSM6N813R TOSHIBA-SSM6N813R Datasheet
434Kb / 9P
Power Management Switches
TJ15P04M3 TOSHIBA-TJ15P04M3 Datasheet
253Kb / 9P
Power Management Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com