Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3J36FS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM3J36FS
Description  Power Management Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J36FS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM3J36FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3J36FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3J36FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3J36FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3J36FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SSM3J36FS
2008-06-11
3
Ambient temperature Ta (°C)
Vth – Ta
-1.0
0
−50
0
150
-0.5
50
100
Common Source
VDS = -3 V
ID = -1 mA
0
-2
-4
-6
Gate-source voltage VGS (V)
0
5
RDS (ON) – VGS
4
-8
3
2
1
− 25 °C
Ta
= 100 °C
25 °C
ID =-100mA
Common Source
Ta
= 25°C
Drain-source voltage VDS (V)
ID – VDS
0
-200
0
-0.5
-1.0
-1.5
-100
-500
-8V
Common Source
Ta
= 25 °C
-2.8V
-4.5V
-1.5 V
-1.8 V
VGS=-1.2 V
-2.5V
-300
-400
-600
-700
Gate-source voltage VGS (V)
ID – VGS
-1000
0
-10
-100
-0.1
-1
-0.01
-1.0
-2.0
− 25 °C
Ta
= 100 °C
25 °C
Common Source
VDS = -3 V
RDS (ON) – ID
Drain current ID (mA)
0
-100
-200
0
5
4
3
2
1
VGS = -4.5 V
-2.8 V
Common Source
Ta
= 25°C
-1.8 V
-300
-400
-500
-600
-700
-1.5 V
Ambient temperature Ta (°C)
RDS (ON) – Ta
−50
0
50
150
100
Common Source
ID = -100mA / VGS = -4.5 V
-40mA / -1.8 V
-80mA / -2.8 V
-30mA / -1.5V
0
5
4
3
2
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com