Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3J36FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM3J36FS
Description  Power Management Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J36FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM3J36FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3J36FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3J36FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3J36FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3J36FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSM3J36FS
2008-06-11
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
V (BR) DSS ID = -1 mA, VGS = 0 V
-20
Drain-source breakdown voltage
V (BR) DSX ID = -1 mA, VGS = 8 V
-12
V
Drain cutoff current
IDSS
VDS = -16 V, VGS = 0 V
-10
μA
Gate leakage current
IGSS
VGS = ±8 V, VDS = 0 V
±1
μA
Gate threshold voltage
Vth
VDS = -3 V, ID = -1 mA
-0.3
-1.0
V
Forward transfer admittance
|Yfs|
VDS = -3 V, ID = -100mA
(Note2)
190
mS
ID = -100mA, VGS = -4.5 V
(Note2)
0.95
1.31
ID = -80mA, VGS = -2.8 V
(Note2)
1.22
1.60
ID = -40mA, VGS = -1.8 V
(Note2)
1.80
2.70
Drain-source ON-resistance
RDS (ON)
ID = -30mA, VGS = -1.5 V
(Note2)
2.23
3.60
Ω
Input capacitance
Ciss
43
Output capacitance
Coss
10.3
Reverse transfer capacitance
Crss
VDS = -10 V, VGS = 0 V, f = 1 MHz
6.1
pF
Total Gate Charge
Qg
1.2
Gate
−Source Charge
Qgs
0.85
Gate
−Drain Charge
Qgd
VDS = -10 V, IDS= -330mA
VGS = -4 V
0.35
nC
Turn-on time
ton
90
Switching time
Turn-off time
toff
VDD = -10 V, ID = -100mA
VGS = 0 to -2.5 V, RG = 50Ω
200
ns
Drain-source forward voltage
VDSF
ID =330mA, VGS = 0 V
(Note2)
0.88
1.2
V
Note2: Pulse test
Switching Time Test Circuit
(c) VOUT
ton
90%
10%
−2.5 V
0 V
90%
10%
toff
tr
tf
VDS (ON)
VDD
(b) VIN
VDD = −10 V
Duty ≤ 1%
VIN: tr, tf < 5 ns
(Zout = 50 Ω)
Common Source
Ta
= 25°C
IN
0
2.5V
10
μs
VDD
OUT
RL
(a) Test circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com