Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2200 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP2200
Description  USB 2.0 to UART Protocol Converter with GPIO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200 Datasheet(HTML) 4 Page - Microchip Technology

  MCP2200 Datasheet HTML 1Page - Microchip Technology MCP2200 Datasheet HTML 2Page - Microchip Technology MCP2200 Datasheet HTML 3Page - Microchip Technology MCP2200 Datasheet HTML 4Page - Microchip Technology MCP2200 Datasheet HTML 5Page - Microchip Technology MCP2200 Datasheet HTML 6Page - Microchip Technology MCP2200 Datasheet HTML 7Page - Microchip Technology MCP2200 Datasheet HTML 8Page - Microchip Technology MCP2200 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MCP2200
DS22228A-page 4
 2010 Microchip Technology Inc.
1.1
Supported Operating Systems
Microsoft
Windows
XP(SP2
and
later)/Vista/7
operating systems are supported.
1.1.1
ENUMERATION
The MCP2200 will enumerate as a USB device after
POR. The device enumerates as both a Human
Interface Device (HID) for I/O control, and a VCP.
1.1.1.1
HID
The MCP2200 enumerates as a HID so the device can
be configured and the I/O can be controlled. A DLL is
supplied by Microchip that allows I/O control using a
custom interface.
1.1.1.2
VCP
The VCP enumeration implements the USB-to-UART
data translation.
1.2
Control Module
The control module is the heart of the MCP2200. All
other modules are tied together and controlled via the
control module. The control module manages the data
transfers between the USB and the UART, as well as
command requests generated by the USB host
controller, and commands for controlling the function of
the UART and I/O.
1.2.1
SERIAL INTERFACE
The control module interfaces to the UART and USB
modules.
1.2.2
INTERFACING TO THE DEVICE
The MCP2200 can be accessed for reading and writing
via USB host commands. The device cannot be
accessed and controlled via the UART interface.
1.3
UART Interface
The MCP2200 UART interface consists of the TX and
RX data signals and the RTS/CTS flow control pins.
The UART is configurable for several baud rates. The
available data formats and baud rates are listed in
Table 1-3.
1.3.1
INITIAL CONFIGURATION
The default UART configuration is 19200, 8, N, 1. The
default start up baud rate can be changed using the
Microchip supplied configuration PC tool. The primary
baud rates are shown in Table 1-3.
Alternatively, a custom configuration tool can be
created using the Microchip supplied DLL to set the
baud rate, as well as other parameters. See
Section 2.0 “Configuration”
for details.
1.3.2
GET/SET LINE CODING
The GET_LINE_CODING and SET_LINE_CODING
commands are used to read and set the UART
parameters
while
in
operation.
For
example,
Hyperterminal sends the SET_LINE_COMMAND when
connecting to the port. The MCP2200 responds by
setting the baud rate only. The other parameters (Data
Bits, Parity, Stop Bits) remain unchanged.
1.3.2.1
Rounding Errors
The primary baud rate setting (with the rounding errors)
are shown in Table 1-3. If baud rates other than the
ones shown in the table are used, the error percentage
can be calculated using Equation 1-1 to find the actual
baud rate.
1.3.3
CUSTOM BAUD RATES
Custom baud rates are configured by sending the
SET_LINE_CODING
USB
command, or by using the
DLL. See Section 2.0 “Configuration” for more
information.
TABLE 1-2:
UART CONFIGURATIONS
Parameter
Configuration
Primary Baud Rates
See Table 1-3
Data Bits
8
Parity
N
Stop Bits
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com