Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2200 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP2200
Description  USB 2.0 to UART Protocol Converter with GPIO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP2200 Datasheet HTML 2Page - Microchip Technology MCP2200 Datasheet HTML 3Page - Microchip Technology MCP2200 Datasheet HTML 4Page - Microchip Technology MCP2200 Datasheet HTML 5Page - Microchip Technology MCP2200 Datasheet HTML 6Page - Microchip Technology MCP2200 Datasheet HTML 7Page - Microchip Technology MCP2200 Datasheet HTML 8Page - Microchip Technology MCP2200 Datasheet HTML 9Page - Microchip Technology MCP2200 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MCP2200
DS22228A-page 6
 2010 Microchip Technology Inc.
1.5
USB Transceiver
The MCP2200 has a built-in, USB 2.0, full-speed
transceiver internally connected to the USB module.
The USB transceiver obtains power from the VUSB pin,
which is internally connected to the 3.3V regulator. The
best electrical signal quality is obtained when VUSB is
locally bypassed with a high quality ceramic capacitor.
1.5.1
INTERNAL PULL-UP RESISTORS
The MCP2200 devices have built-in pull-up resistors
designed to meet the requirements for full-speed USB.
1.5.1.1
Bus Power Only
In Bus Power Only mode, all power for the application
is drawn from the USB (Figure 1-2). This is effectively
the simplest power method for the device.
In order to meet the inrush current requirements of the
USB 2.0 specifications, the total effective capacitance
appearing across VBUS and ground must be no more
than 10 µF. If not, some kind of inrush limiting is
required. For more details, see Section 7.2.4 of the
“Universal Serial Bus Specification”.
According to the USB 2.0 specification, all USB devices
must also support a Low-Power Suspend mode. In the
USB Suspend mode, devices must consume no more
than 500 µA (or 2.5 mA for high powered devices that
are remote wake-up capable) from the 5V VBUS line of
the USB cable.
The host signals the USB device to enter Suspend
mode by stopping all USB traffic to that device for more
than 3 ms.
During USB Suspend mode, the D+ or D- pull-up
resistor must remain active, which will consume some
of the allowed suspend current budget (500 µA/
2.5 mA).
FIGURE 1-2:
BUS POWER ONLY
1.6
GPIO Module
The GPIO Module is a standard 8-bit I/O port.
1.6.1
CONFIGURABLE PIN FUNCTIONS
The pins can be configured as:
• GPIO – Individually configurable general purpose
input or output
• SSPND – USB Suspend state
• USBCFG – Indicates USB configuration status
• RxLED – Indicates USB receive traffic
• TxLED – Indicates USB transmit traffic
1.6.1.1
SSPND Pin Function
The SSPND pin (if enabled) reflects the USB state
(Suspend/Resume). The pin is active ‘low’ when the
Suspend state has been issued by the USB host.
Likewise, the pin drives ‘high’ after the Resume state is
achieved.
This pin allows the application to go into Low Power
mode when USB communication is suspended, and
switches to a full active state when USB activity is
resumed.
1.6.1.2
USBCFG Pin Function
The USBCFG pin (if enabled) starts out ‘low’ during
power-up or after Reset, and goes ‘high’ after the
device successfully configures to the USB. The pin will
go ‘low’ when in Suspend mode and ‘high’ when the
USB resumes.
1.6.1.3
RxLED Pin Function (IN Message)
The ‘Rx’ in the pin name is in respect to the USB host.
The RxLED pin is an indicator for USB ‘IN’ messages.
This pin will either pulse low for a period of time
(configurable for ~100 ms or ~200 ms), or toggle to the
opposite
state
for
every
message
received
(IN message) by the USB host. This allows the
application to count messages or provide a visual
indication of USB traffic.
1.6.1.4
TxLED Pin Function (OUT Message)
The ‘Tx’ in the pin name is in respect to the USB host.
The TxLED pin is an indicator for USB ‘OUT’
messages.
This pin will either pulse low for a period of time
(configurable for ~100 ms or ~200 ms), or toggle to the
opposite state for every message transmitted (OUT
message) by the USB host. This allows the application
to count messages or provide a visual indication of
USB traffic.
VDD
VUSB
VSS
VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com