Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2200 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP2200
Description  USB 2.0 to UART Protocol Converter with GPIO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP2200 Datasheet HTML 12Page - Microchip Technology MCP2200 Datasheet HTML 13Page - Microchip Technology MCP2200 Datasheet HTML 14Page - Microchip Technology MCP2200 Datasheet HTML 15Page - Microchip Technology MCP2200 Datasheet HTML 16Page - Microchip Technology MCP2200 Datasheet HTML 17Page - Microchip Technology MCP2200 Datasheet HTML 18Page - Microchip Technology MCP2200 Datasheet HTML 19Page - Microchip Technology MCP2200 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
MCP2200
DS22228A-page 16
 2010 Microchip Technology Inc.
3.1
DC CHARACTERISTICS
DC Characteristics
Operating Conditions (unless otherwise indicated):
3.0V
VDD  5.5V at -40C  TA  +85C (I-Temp)
Param
No.
Characteristic
Sym
Min
Typ
Max
Units
Conditions
D001 Supply Voltage
VDD
3.0
—
5.5
V
Power-on Reset
Release Voltage
VPOR
1.6
V
Power-on Reset
Rearm Voltage
0.8
V
D003 VDD Rise Rate to
Ensure Power-on
Reset
SVDD
0.05
—
—
V/ms Design guidance only
Not tested
D004 Supply Current
IDD
VDD = 3.0V
—
10
12
mA
FOSC = 12 MHz,
(330 nF on VUSB)
VDD = 5.0V
—
13
15
mA
D005 Standby current
IDDS
—9
—
µA
Input Low-Voltage
D031 Schmitt Trigger (GPIO)
VIL
——
0.2 VDD
V
3.0V
VDD  5.5V
TTL (CTS pin)
—
—
0.8
4.5V
VDD  5.5V
Input High-Voltage
D041 Schmitt Trigger (GPIO)
VIH
0.8 VDD
—VDD
V
3.0V
VDD  5.5V
TTL (RTS pin)
2.0
—
VDD
4.5V
VDD  5.5V
Input Leakage Current
D060
GPIO, CTS
IIL
—
±50
±100
nA
VSS
VPIN VDD, pin at Hi-Z
RST
±50
±200
OSC1
±50
±100
Output Low-Voltage
D080 GPIO
VOL
——
0.6
V
IOL = 8.0 mA, VDD = 5.0V
——
0.6
IOL = 6.0 mA, VDD = 3.3V
Output High-Voltage
D090 GPIO
VOH
VDD – 0.7
—
—
V
IOH = -3.5 mA, VDD = 5.0V
VDD – 0.7
—
—
IOH = -3.0 mA, VDD = 3.3V
Capacitive Loading Specs on Output Pins
D101 OSC2
COSC2
——
15
pF
Note 1
D102 GPIO
CIO
——
50
pF
Note 1
Note 1:
This parameter is characterized, but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com