Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4902-E/SL Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP4902-E/SL
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4902-E/SL Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP4902-E/SL Datasheet HTML 25Page - Microchip Technology MCP4902-E/SL Datasheet HTML 26Page - Microchip Technology MCP4902-E/SL Datasheet HTML 27Page - Microchip Technology MCP4902-E/SL Datasheet HTML 28Page - Microchip Technology MCP4902-E/SL Datasheet HTML 29Page - Microchip Technology MCP4902-E/SL Datasheet HTML 30Page - Microchip Technology MCP4902-E/SL Datasheet HTML 31Page - Microchip Technology MCP4902-E/SL Datasheet HTML 32Page - Microchip Technology MCP4902-E/SL Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
 2010 Microchip Technology Inc.
DS22250A-page 29
MCP4902/4912/4922
6.4.1.2
Building a “Window” DAC
When calibrating a set point or threshold of a sensor,
typically only a small portion of the DAC output range is
utilized. If the LSb size is adequate enough to meet the
application’s accuracy needs, the unused range is
sacrificed without consequences. If greater accuracy is
needed, then the output range will need to be reduced
to increase the resolution around the desired threshold.
If the threshold is not near VREF or VSS, then creating
a “window” around the threshold has several
advantages. One simple method to create this
“window” is to use a voltage divider network with a
pull-up and pull-down resistor. Example 6-2 and
Example 6-4 illustrate this concept.
EXAMPLE 6-2:
SINGLE-SUPPLY “WINDOW” DAC
VREF
VDD
SPI
3
Vtrip
R1
R2
0.1 µF
Comparator
R3
VCC-
VCC+
VCC+
VCC-
VOUT
R23
R2R3
R2 R3
+
------------------
=
V23
VCC+R2

VCC-R3

+
R2 R3
+
-----------------------------------------------------
=
Vtrip
VOUTR23 V23R1
+
R2 R23
+
--------------------------------------------
=
R1
R23
V23
VOUT
VO
Thevenin
Equivalent
Rsense
G = Gain selection (1x or 2x)
Dn = Digital value of DAC (0-255) for MCP4901/MCP4902
VOUT
VREF G
Dn
2
N
------

=
= Digital value of DAC (0-1023) for MCP4911/MCP4912
= Digital value of DAC (0-4095) for MCP4921/MCP4922
N = DAC Bit Resolution
DAC
MCP4901
MCP4911
MCP4921
(a) Single Output DAC:
(b) Dual Output DAC:
MCP4902
MCP4912
MCP4922



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com