Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4902-E/SL Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP4902-E/SL
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4902-E/SL Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP4902-E/SL Datasheet HTML 3Page - Microchip Technology MCP4902-E/SL Datasheet HTML 4Page - Microchip Technology MCP4902-E/SL Datasheet HTML 5Page - Microchip Technology MCP4902-E/SL Datasheet HTML 6Page - Microchip Technology MCP4902-E/SL Datasheet HTML 7Page - Microchip Technology MCP4902-E/SL Datasheet HTML 8Page - Microchip Technology MCP4902-E/SL Datasheet HTML 9Page - Microchip Technology MCP4902-E/SL Datasheet HTML 10Page - Microchip Technology MCP4902-E/SL Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
 2010 Microchip Technology Inc.
DS22250A-page 7
MCP4902/4912/4922
AC CHARACTERISTICS (SPI TIMING SPECIFICATIONS)
FIGURE 1-1:
SPI Input Timing Data.
Electrical Specifications: Unless otherwise indicated, VDD= 2.7V – 5.5V, TA= -40 to +125°C.
Typical values are at +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Schmitt Trigger High-Level
Input Voltage (All digital input
pins)
VIH
0.7 VDD
——
V
Schmitt Trigger Low-Level
Input Voltage
(All digital input pins)
VIL
——
0.2 VDD
V
Hysteresis of Schmitt Trigger
Inputs
VHYS
—0.05 VDD
—V
Input Leakage Current
ILEAKAGE
-1
—
1
A
SHDN = LDAC = CS = SDI =
SCK + VREF = VDD or VSS
Digital Pin Capacitance
(All inputs/outputs)
CIN,
COUT
—10
—
pF
VDD = 5.0V, TA = +25°C,
fCLK = 1 MHz (Note 1)
Clock Frequency
FCLK
——
20
MHz TA = +25°C (Note 1)
Clock High Time
tHI
15
—
—
ns
Note 1
Clock Low Time
tLO
15
—
—
ns
Note 1
CS Fall to First Rising CLK
Edge
tCSSR
40
—
—
ns
Applies only when CS falls with
CLK high. (Note 1)
Data Input Setup Time
tSU
15
—
—
ns
Note 1
Data Input Hold Time
tHD
10
—
—
ns
Note 1
SCK Rise to CS Rise Hold
Time
tCHS
15
—
—
ns
Note 1
CS High Time
tCSH
15
—
—
ns
Note 1
LDAC Pulse Width
tLD
100
—
—
ns
Note 1
LDAC Setup Time
tLS
40
—
—
ns
Note 1
SCK Idle Time before CS Fall
tIDLE
40
—
—
ns
Note 1
Note 1:
This parameter is ensured by design and not 100% tested.
CS
SCK
SI
LDAC
tCSSR
tHD
tSU
tLO
tCSH
tCHS
LSb in
MSb in
tIDLE
Mode 1,1
Mode 0,0
tHI
tLD
tLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com