Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4902-E/SL Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP4902-E/SL
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4902-E/SL Datasheet(HTML) 4 Page - Microchip Technology

  MCP4902-E/SL Datasheet HTML 1Page - Microchip Technology MCP4902-E/SL Datasheet HTML 2Page - Microchip Technology MCP4902-E/SL Datasheet HTML 3Page - Microchip Technology MCP4902-E/SL Datasheet HTML 4Page - Microchip Technology MCP4902-E/SL Datasheet HTML 5Page - Microchip Technology MCP4902-E/SL Datasheet HTML 6Page - Microchip Technology MCP4902-E/SL Datasheet HTML 7Page - Microchip Technology MCP4902-E/SL Datasheet HTML 8Page - Microchip Technology MCP4902-E/SL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
MCP4902/4912/4922
DS22250A-page 4
 2010 Microchip Technology Inc.
Offset Error Temperature
Coefficient
VOS/°C
—
0.16
—
ppm/°C -45°C to 25°C
—
-0.44
—
ppm/°C +25°C to 85°C
Gain Error
gE
—
-0.10
1
% of
FSR
Code = 0xFFFh, not including off-
set error
Gain Error Temperature
Coefficient
G/°C
—
-3
—
ppm/°C
Input Amplifier (VREF Input)
Input Range – Buffered
Mode
VREF
0.040
—
VDD – 0.040
V
Note 2
Code = 2048
VREF = 0.2V p-p, f = 100 Hz and
1kHz
Input Range – Unbuffered
Mode
VREF
0—
VDD
V
Input Impedance
RVREF
—165
—
k
Unbuffered Mode
Input Capacitance –
Unbuffered Mode
CVREF
—7
—
pF
Multiplier Mode -3 dB
Bandwidth
fVREF
—450
—
kHz
VREF = 2.5V ±0.2Vp-p,
Unbuffered, G = 1x
fVREF
—400
—
kHz
VREF = 2.5V ±0.2 Vp-p,
Unbuffered, G = 2x
Multiplier Mode –
Total Harmonic Distortion
THDVREF
—-73
—
dB
VREF = 2.5V ±0.2Vp-p,
Frequency = 1 kHz
Output Amplifier
Output Swing
VOUT
—
0.01 to
VDD – 0.04
—
V
Accuracy is better than 1 LSb for
VOUT = 10 mV to (VDD – 40 mV)
Phase Margin
m
—
66
—
degrees
Slew Rate
SR
—
0.55
—
V/µs
Short Circuit Current
ISC
—15
24
mA
Settling Time
tsettling
—
4.5
—
µs
Within 1/2 LSb of final value from
1/4 to 3/4 full-scale range
Dynamic Performance (Note 2)
DAC-to-DAC Crosstalk
—
10
—
nV-s
Major Code Transition Glitch
—
45
—
nV-s
1 LSb change around major carry
(0111...1111 to 1000...0000)
Digital Feedthrough
—
10
—
nV-s
Analog Crosstalk
—
10
—
nV-s
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, VDD = 5V, VSS = 0V, VREF = 2.048V, Output Buffer Gain (G) = 2x, RL = 5 k to
GND, CL = 100 pF TA = -40 to +85°C. Typical values are at +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Guaranteed monotonic by design over all codes.
2:
This parameter is ensured by design, and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com