Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6P35FE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM6P35FE
Description  High-Speed Switching Applications Analog Switch Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6P35FE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM6P35FE Datasheet HTML 1Page - Toshiba Semiconductor SSM6P35FE Datasheet HTML 2Page - Toshiba Semiconductor SSM6P35FE Datasheet HTML 3Page - Toshiba Semiconductor SSM6P35FE Datasheet HTML 4Page - Toshiba Semiconductor SSM6P35FE Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM6P35FE
2008-03-14
1
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM6P35FE
○
High-Speed Switching Applications
○
Analog Switch Applications
• 1.2-V drive
• Low ON-resistance : Ron = 44 Ω (max) (@VGS = -1.2 V)
: Ron = 22 Ω (max) (@VGS = -1.5 V)
: Ron = 11 Ω (max) (@VGS = -2.5 V)
: Ron = 8 Ω (max) (@VGS = -4.0 V)
Absolute Maximum Ratings (Ta = 25˚C) (Common to the Q1, Q2)
Characteristics
Symbol
Rating
Unit
Drain–source voltage
VDSS
-20
V
Gate–source voltage
VGSS
±10
V
DC
ID
-100
Drain current
Pulse
IDP
-200
mA
Drain power dissipation
PD(Note 1)
150
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1: Total rating
Mounted on an FR4 board
(25.4 mm
× 25.4 mm × 1.6 mm, Cu Pad: 0.135 mm2 × 6)
Marking
Equivalent Circuit (top view)
Unit: mm
6
1.2±0.05
1.6±0.05
1
2
3
5
4
JEDEC
-
JEITA
-
TOSHIBA
2-2N1D
Weight: 3.0 mg (typ.)
PZ
6
5
4
1
2
3
Q1
Q2
65
4
12
3
ES6
1.Source1 4.Source2
2.Gate1
5.Gate2
3.Drain2
6.Drain1


Similar Part No. - SSM6P35FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6P35FU TOSHIBA-SSM6P35FU Datasheet
422Kb / 5P
High-Speed Switching Applications
More results

Similar Description - SSM6P35FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N16FU TOSHIBA-SSM6N16FU Datasheet
143Kb / 5P
High Speed Switching Applications Analog Switch Applications
SSM6N17FU TOSHIBA-SSM6N17FU Datasheet
125Kb / 5P
High Speed Switching Applications Analog Switch Applications
SSM5N15FE TOSHIBA-SSM5N15FE Datasheet
150Kb / 5P
High Speed Switching Applications Analog Switch Applications
SSM6N7002FU TOSHIBA-SSM6N7002FU Datasheet
158Kb / 5P
High Speed Switching Applications Analog Switch Applications
SSM3K35MFV TOSHIBA-SSM3K35MFV Datasheet
205Kb / 5P
High-Speed Switching Applications Analog Switch Applications
SSM6L35FE TOSHIBA-SSM6L35FE Datasheet
225Kb / 8P
High-Speed Switching Applications Analog Switch Applications
SSM6N7002BFE TOSHIBA-SSM6N7002BFE Datasheet
185Kb / 5P
High-Speed Switching Applications Analog Switch Applications
SSM6N37FU TOSHIBA-SSM6N37FU Datasheet
200Kb / 5P
High Speed Switching Applications Analog Switch Applications
SSM6N7002FUTE85LF TOSHIBA-SSM6N7002FUTE85LF Datasheet
178Kb / 5P
High Speed Switching Applications Analog Switch Applications
SSM3K16FVTL3T TOSHIBA-SSM3K16FVTL3T Datasheet
94Kb / 5P
High Speed Switching Applications Analog Switch Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com