Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6P35FE Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM6P35FE
Description  High-Speed Switching Applications Analog Switch Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6P35FE Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM6P35FE Datasheet HTML 1Page - Toshiba Semiconductor SSM6P35FE Datasheet HTML 2Page - Toshiba Semiconductor SSM6P35FE Datasheet HTML 3Page - Toshiba Semiconductor SSM6P35FE Datasheet HTML 4Page - Toshiba Semiconductor SSM6P35FE Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSM6P35FE
2008-03-14
2
Electrical Characteristics (Ta = 25°C) (Common to the Q1, Q2)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0 V
⎯
⎯
±10
μA
Drain–source breakdown voltage
V (BR) DSS
ID = -0.1 mA, VGS = 0 V
-20
⎯
⎯
V
Drain cutoff current
IDSS
VDS = -20 V, VGS = 0 V
⎯
⎯
-1
μA
Gate threshold voltage
Vth
VDS = -3 V, ID = -1 mA
-0.4
⎯
-1.0
V
Forward transfer admittance
⏐Yfs⏐
VDS = -3 V, ID = -50 mA
(Note 2)
77
⎯
⎯
mS
ID = -50 mA, VGS = -4 V
(Note 2)
⎯
4.3
8
ID = -50 mA, VGS = -2.5 V
(Note 2)
⎯
5.6
11
ID = -5 mA, VGS = -1.5 V
(Note 2)
⎯
8.2
22
Drain–source ON-resistance
RDS (ON)
ID = -2 mA, VGS = -1.2 V
(Note 2)
⎯
11
44
Ω
Input capacitance
Ciss
⎯
12.2
⎯
Reverse transfer capacitance
Crss
⎯
6.5
⎯
Output capacitance
Coss
VDS = -3 V, VGS = 0 V, f = 1 MHz
⎯
10.4
⎯
pF
Turn-on time
ton
⎯
175
⎯
Switching time
Turn-off time
toff
VDD = -3 V, ID = -50 mA,
VGS = 0 to -2.5 V
⎯
251
⎯
ns
Drain–source forward voltage
VDSF
ID = 100 mA, VGS = 0 V
(Note 2)
⎯
0.83
1.2
V
Note 2: Pulse test
Switching Time Test Circuit (Common to the Q1, Q2)
(a) Test Circuit
(b) VIN
Usage Considerations
Let Vth be the voltage applied between gate and source that causes the drain current (ID) to below (−1 mA for the
SSM6P35FE). Then, for normal switching operation, VGS(on) must be higher than Vth, and VGS(off) must be lower than
Vth. This relationship can be expressed as: VGS(off) < Vth < VGS(on).
Take this into consideration when using the device.
Handling Precaution
When handling individual devices that are not yet mounted on a circuit board, make sure that the environment is
protected against electrostatic discharge. Operators should wear antistatic clothing, and containers and other objects that
come into direct contact with devices should be made of antistatic materials.
(c) VOUT
VDD = -3 V
D.U.
≤ 1%
VIN: tr, tf < 5 ns
(Zout = 50 Ω)
Common Source
Ta
= 25°C
IN
0
−2.5V
10
μs
VDD
OUT
RL
ton
90%
10%
−2.5 V
0 V
90%
10%
toff
tr
tf
VDS (ON)
VDD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com