Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6P35FE Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM6P35FE
Description  High-Speed Switching Applications Analog Switch Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6P35FE Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM6P35FE Datasheet HTML 1Page - Toshiba Semiconductor SSM6P35FE Datasheet HTML 2Page - Toshiba Semiconductor SSM6P35FE Datasheet HTML 3Page - Toshiba Semiconductor SSM6P35FE Datasheet HTML 4Page - Toshiba Semiconductor SSM6P35FE Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SSM6P35FE
2008-03-14
3
ID – VGS
Gate–source voltage VGS (V)
-0.01
0
-1
-1000
-2
-1
-0.1
-10
-100
ID – VDS
Drain–source voltage VDS (V)
RDS (ON) – VGS
Gate–source voltage VGS (V)
-10
-8
-6
-4
-2
0
0
Drain current ID (mA)
0
-1
10
-1000
-10
5
15
20
-100
RDS (ON) – ID
0
−50
10
50
150
0
5
20
15
100
RDS (ON) – Ta
Ambient temperature Ta (°C)
0
-0.5
-1
-1.5
-2
Common Source
Ta
= 25°C
0
-50
-100
-150
-200
-250
-10V
-2.5V
-1.8V
-1.5V
VGS=-1.2V
−25°C
Ta
= 100°C
25°C
Common Source
VDS = -3V
RDS (ON) – VGS
Gate–source voltage VGS (V)
-10
-8
-6
-4
-2
0
0
20
10
5
15
-3
Common Source
ID = -5 mA
Ta=100℃
25℃
-25℃
25℃
Ta=100℃
-25℃
5
10
15
VGS = -1.2 V
-4 V
-2.5 V
-1.5 V
Common Source
Ta
= 25°C
-2.5 V, -50mA
VGS =−1.2 V, ID=-2mA
-4V, -50mA
-1.5 V, -5mA
Common Source
-4V
Common Source
ID = -50 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com