Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F707T-E/ML Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC16F707T-E/ML
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707T-E/ML Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC16F707T-E/ML Datasheet HTML 16Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 17Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 18Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 19Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 20Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 21Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 22Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 23Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 284 page
background image
PIC16F707/PIC16LF707
DS41418A-page 20
Preliminary
 2010 Microchip Technology Inc.
Bank 1
80h(2)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
xxxx xxxx
81h
OPTION_REG
RBPU
INTEDG
TMR0CS
TMR0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
82h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000
0000 0000
83h(2)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
84h(2)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
uuuu uuuu
85h
TRISA
PORTA Data Direction Register
1111 1111
1111 1111
86h
TRISB
PORTB Data Direction Register
1111 1111
1111 1111
87h
TRISC
PORTC Data Direction Register
1111 1111
1111 1111
88h
TRISD
PORTD Data Direction Register
1111 1111
1111 1111
89h
TRISE
—
—
—
—
‘1’
TRISE2
TRISE1
TRISE0
---- 1111
---- 1111
8Ah(1),( 2)
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
---0 0000
8Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
0000 000u
8Ch
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
0000 0000
8Dh
PIE2
TMR3GIE
TMR3IE
TMRBIE
TMRAIE
—
—
—
CCP2IE
0000 ---0
0000 ---0
8Eh
PCON
—
—
—
—
—
—POR
BOR
---- --qq
---- --uu
8Fh
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/
DONE
T1GVAL
T1GSS1
T1GSS0
0000 0x00
uuuu uxuu
90h
OSCCON
—
—
IRCF1
IRCF0
ICSL
ICSS
—
—
--10 00--
--10 uu--
91h
OSCTUNE
—
—
TUN5
TUN4
TUN3
TUN2
TUN1
TUN0
--00 0000
--00 0000
92h
PR2
Timer2 Period Register
1111 1111
1111 1111
93h
SSPADD
Synchronous Serial Port (I2C mode) Address Register
0000 0000
0000 0000
93h(3)
SSPMSK
Synchronous Serial Port (I2C mode) Address Mask Register
1111 1111
1111 1111
94h
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
0000 0000
95h
WPUB
WPUB7
WPUB6
WPUB5
WPUB4
WPUB3
WPUB2
WPUB1
WPUB0
1111 1111
1111 1111
96h
IOCB
IOCB7
IOCB6
IOCB5
IOCB4
IOCB3
IOCB2
IOCB1
IOCB0
0000 0000
0000 0000
97h
T3CON
TMR3CS1 TMR3CS0 T3CKPS1
T3CKPS0
—
T3SYNC
—TMR3ON
0000 -0-0
uuuu -u-u
98h
TXSTA
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
0000 -010
0000 -010
99h
SPBRG
BRG7
BRG6
BRG5
BRG4
BRG3
BRG2
BRG1
BRG0
0000 0000
0000 0000
9Ah
TMR3L
Holding Register for the Least Significant Byte of the 16-bit TMR3 Register
xxxx xxxx
uuuu uuuu
9Bh
TMR3H
Holding Register for the Most Significant Byte of the 16-bit TMR3 Register
xxxx xxxx
uuuu uuuu
9Ch
APFCON
—
—
—
—
—
—
SSSEL
CCP2SEL
---- --00
---- --00
9Dh
FVRCON
FVRRDY
FVREN
—
—
CDAFVR1
CDAFVR0
ADFVR1
ADFVR0
x000 0000
x000 0000
9Eh
T3GCON
TMR3GE
T3GPOL
T3GTM
T3GSPM
T3GGO/
DONE
T3GVAL
T3GSS1
T3GSS0
0000 0x00
uuuu uxuu
9Fh
ADCON1
—
ADCS2
ADCS1
ADCS0
—
—
ADREF1
ADREF0
-000 --00
-000 --00
TABLE 2-2:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8>, whose contents are transferred to the
upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
Accessible only when SSPM<3:0> = 1001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com