Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F707T-E/ML Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC16F707T-E/ML
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707T-E/ML Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC16F707T-E/ML Datasheet HTML 18Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 19Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 20Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 21Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 22Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 23Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 24Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 25Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 284 page
background image
PIC16F707/PIC16LF707
DS41418A-page 22
Preliminary
 2010 Microchip Technology Inc.
Bank 3
180h(2)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
xxxx xxxx
181h
OPTION_REG
RBPU
INTEDG
TMR0CS
TMR0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
182h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000
0000 0000
183h(2)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
184h(2)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
uuuu uuuu
185h
ANSELA
ANSA7
ANSA6
ANSA5
ANSA4
ANSA3
ANSA2
ANSA1
ANSA0
1111 1111
1111 1111
186h
ANSELB
ANSB7
ANSB6
ANSB5
ANSB4
ANSB3
ANSB2
ANSB1
ANSB0
1111 1111
1111 1111
187h
ANSELC
ANSC7
ANSC6
ANSC5
—
—
ANSC2
ANSC1
ANSC0
111- -111
111- -111
188h
ANSELD
ANSD7
ANSD6
ANSD5
ANSD4
ANSD3
ANSD2
ANSD1
ANSD0
1111 1111
1111 1111
189h
ANSELE
—
—
—
—
—
ANSE2
ANSE1
ANSE0
---- -111
---- -111
18Ah(1),(2) PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
---0 0000
18Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
0000 000u
18Ch
PMCON1
—
—
—
—
—
—
—RD
1--- ---0
1--- ---0
18Dh
—
Reserved
—
—
18Eh
—
Reserved
—
—
18Fh
—
Reserved
—
—
TABLE 2-2:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8>, whose contents are transferred to the
upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
Accessible only when SSPM<3:0> = 1001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com