Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F707T-E/ML Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC16F707T-E/ML
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707T-E/ML Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC16F707T-E/ML Datasheet HTML 42Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 43Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 44Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 45Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 46Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 47Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 48Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 49Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 284 page
background image
PIC16F707/PIC16LF707
DS41418A-page 46
Preliminary
 2010 Microchip Technology Inc.
4.5.5
PIR2 REGISTER
The PIR2 register contains the interrupt flag bits, as
shown in Register 4-5.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the global
enable bit, GIE of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear prior
to enabling an interrupt.
REGISTER 4-5:
PIR2: PERIPHERAL INTERRUPT REQUEST REGISTER 2
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
R/W-0
TMR3GIF
TMR3IF
TMRBIF
TMRAIF
—
—
—
CCP2IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
TMR3GIF: Timer3 Gate Interrupt Flag bit
1 = Timer3 gate is inactive
0 = Timer3 gate is active
bit 6
TMR3IF: Timer3 Overflow Interrupt Flag bit
1 = Timer3 register overflowed (must be cleared in software)
0 = Timer3 register did not overflow
bit 5
TMRBIF: TimerB Overflow Interrupt Flag bit
1 = TimerB register has overflowed (must be cleared in software)
0 = TimerB register did not overflow
bit 4
TMRAIF: TimerA Overflow Interrupt Flag bit
1 = TimerA register has overflowed (must be cleared in software)
0 = TimerA register did not overflow
bit 3-1
Unimplemented: Read as ‘0’
bit 0
CCP2IF: CCP2 Interrupt Flag bit
Capture Mode
1 = A Timer1 register capture occurred (must be cleared in software)
0 = No Timer1 register capture occurred
Compare Mode
1 = A Timer1 register compare match occurred (must be cleared in software)
0 = No Timer1 register compare match occurred
PWM Mode
Unused in this mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com