Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVA12XP080 Datasheet(PDF) 5 Page - Microchip Technology

Part # DVA12XP080
Description  Processor Module and Device Adapter Specification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVA12XP080 Datasheet(HTML) 5 Page - Microchip Technology

  DVA12XP080 Datasheet HTML 1Page - Microchip Technology DVA12XP080 Datasheet HTML 2Page - Microchip Technology DVA12XP080 Datasheet HTML 3Page - Microchip Technology DVA12XP080 Datasheet HTML 4Page - Microchip Technology DVA12XP080 Datasheet HTML 5Page - Microchip Technology DVA12XP080 Datasheet HTML 6Page - Microchip Technology DVA12XP080 Datasheet HTML 7Page - Microchip Technology DVA12XP080 Datasheet HTML 8Page - Microchip Technology DVA12XP080 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2006 Microchip Technology Inc.
DS51140M-page 5
Processor Module and Device Adapter Specification
5.1
DVA12XP080
5.2
DVA12XP081
This device adapter is intended for use with PIC12C50X
8-pin DIP devices. It has four mechanical switches that
allow target pins GP2 to GP5 to be routed to the emulator
silicon on the PCM16XA0 processor module or the
oscillator chip on the device adapter, as shown in Table 5-1.
In addition, a 24C00 EEPROM (U1) is connected to
RA0 and RA1 of the emulator silicon to support the
EEPROM capabilities of the PIC12CE51X family devices.
For information on how to use EEPROM memory, see the
MPLAB IDE on-line device-specific limitations for the
PCM16XA0 (PIC12CE518/519) devices by selecting
Debugger>Settings, clicking the Limitations tab, and then
clicking the Details button.
TABLE 5-1:
DVA12XP080 DEVICE ADAPTER SWITCH ASSIGNMENT
Desired Function
Switch Positions
RB2
Set S4 to RB2
RB3
Set S3 to RB3
RB4
Set S2 to RB4
RB5
Set S1 to RB5
MCLR
Set S3 to MCLR
External Oscillator Input
Set S1 to OSC1 and
set S2 to OSC2
TIMER0 Clock Input
Set S4 to T0CKI
This device adapter is intended for use with PIC12C67X
8-pin DIP devices. It has two mechanical switches that
allow target pins GP4 and GP5 to be routed to the emulator
silicon on the PCM12XA0 processor module or the
oscillator device on the device adapter, as shown in
Table 5-2.
TABLE 5-2:
DVA12XP081 DEVICE ADAPTER SWITCH ASSIGNMENT
Desired Function
Switch Positions
GP4
Set S2 to GP4
GP5
Set S1 to GP5
External Oscillator Input
Set S1 to OSC1 and
set S2 to OSC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com