Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVA12XP080 Datasheet(PDF) 8 Page - Microchip Technology

Part # DVA12XP080
Description  Processor Module and Device Adapter Specification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVA12XP080 Datasheet(HTML) 8 Page - Microchip Technology

Back Button DVA12XP080 Datasheet HTML 4Page - Microchip Technology DVA12XP080 Datasheet HTML 5Page - Microchip Technology DVA12XP080 Datasheet HTML 6Page - Microchip Technology DVA12XP080 Datasheet HTML 7Page - Microchip Technology DVA12XP080 Datasheet HTML 8Page - Microchip Technology DVA12XP080 Datasheet HTML 9Page - Microchip Technology DVA12XP080 Datasheet HTML 10Page - Microchip Technology DVA12XP080 Datasheet HTML 11Page - Microchip Technology DVA12XP080 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MPLAB® ICE 2000
DS51140M-page 8
© 2006 Microchip Technology Inc.
5.6
DVA16XP187
5.7
DVA16XP282, DVA16XP401,
DVA16XL441 and DVA16PQ441
This device adapter is intended for use with PIC16F716
18-pin DIP devices. It has a second oscillator device that
allows TIMER1 oscillator input ranging from 32-40 kHz. It
has four mechanical switches. Target pins RB1 and RB2
can be routed to the emulator silicon on the PCM16YJ0
processor module or the TIMER1 oscillator device on the
device adapter. Target pin RB1 is routed to T1CKI. Target
pin RB3 can be a general purpose input or CCP1, as shown
in Table 5-5.
TABLE 5-6:
DVA16XP187 DEVICE ADAPTER SWITCH ASSIGNMENT
Desired Function
Switch Positions
RB1
Set S2-1 to position B
RB2
Set S2-2 to position B
RB3
Set S2-3 to position B
CCP1
Set S2-3 to position B
TIMER1 Clock Input
Set S2-1 to position B and
set S1 to position B
TIMER1 Oscillator Input
Set S2-1 to position A and
set S2-2 to position A and
set S1 to position A
These device adapters are intended for use with PICmicro
MCU
devices
supported
by
the
PCM16XB0/B1,
PCM16XE0/E1, PCM16XK0 and the PCM16XL0 processor
modules. The device adapters have a second oscillator
device that allows TIMER1 oscillator input ranging from 32
to 40 kHz.
For PCM16XB0/B1, PCM16XE0/E1, PCM16XK0 and
PCM16XL0, configure jumper J1 per Table 5-7.
For all other processor modules supported by these device
adapters, leave the jumper on pins 1-2 (OFF); the Timer1
oscillator enable/disable function is software configurable.
TABLE 5-7:
DVA16XP282, DVA16XP401, DVA16XL441 AND DVA16PQ441 JUMPER SETTINGS
Desired Function
Switch Positions
Results
TIMER1 Oscillator Input enabled
Short J1 pins 2-3 (ON)
RC0/T1OSO/T1CKI pin = T1OSO
RC1/T1OSI/CCP2 pin = T1OSI
TIMER1 Oscillator Input disabled
Short J1 pins 1-2 (OFF)
RC0/T1OSO/T1CKI pin = RC0 or T1CKI
RC1/T1OSI/CCP2 pin = RC1 or CCP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com