Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVA12XP080 Datasheet(PDF) 11 Page - Microchip Technology

Part # DVA12XP080
Description  Processor Module and Device Adapter Specification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVA12XP080 Datasheet(HTML) 11 Page - Microchip Technology

Back Button DVA12XP080 Datasheet HTML 7Page - Microchip Technology DVA12XP080 Datasheet HTML 8Page - Microchip Technology DVA12XP080 Datasheet HTML 9Page - Microchip Technology DVA12XP080 Datasheet HTML 10Page - Microchip Technology DVA12XP080 Datasheet HTML 11Page - Microchip Technology DVA12XP080 Datasheet HTML 12Page - Microchip Technology DVA12XP080 Datasheet HTML 13Page - Microchip Technology DVA12XP080 Datasheet HTML 14Page - Microchip Technology DVA12XP080 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2006 Microchip Technology Inc.
DS51140M-page 11
Processor Module and Device Adapter Specification
6.2
TQFP/PLCC Device Footprints
TQFP/PLCC device adapter footprints shown will
accept board stackers like Samtec series DWM 0.050
Pitch Stackers. These stackers can be soldered in
place during development/emulation and eliminate the
need for any other sockets.
FIGURE 6-2:
DVA DRAWING –
SINGLE-ROW TQFP/PLCC
FIGURE 6-3:
DVA DRAWING –
DOUBLE-ROW TQFP/PLCC
B
A
w, x, y, z = TQFP Pin 1 location
w’, x’, y’, z’ = PLCC Pin 1 location
See Table 6-2 for A & B dimensions and
Pin 1 location.
C
C
0.050
0.028 DIA
PLATED-THRU
HOLES
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE
IN INCHES.
Drawing of device is 80/84-pin TQFP/PLCC.
Device
C
44-Pin (TQFP)
0.800
64/68-Pin (TQFP/PLCC)
0.960
80/84-Pin (TQFP/PLCC)
1.160
w’
w
x
x’
y
y’
z
z’
B
w’
A
w
w, x, y, z = TQFP Pin 1 location
w’, x’, y’, z’ = PLCC Pin 1 location
See Table 6-2 for A & B dimensions and
Pin 1 location.
0.050
0.028 DIA
PLATED-THRU
HOLES
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE
IN INCHES.
x
x’
y
y’
z
z’
1.160
1.160
0.960
0.960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com