Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F722-E/SP Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC16F722-E/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SP Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC16F722-E/SP Datasheet HTML 49Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 50Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 51Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 52Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 53Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 54Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 55Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 56Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 53
PIC16F72X/PIC16LF72X
6.0
I/O PORTS
There are as many as thirty-five general purpose I/O
pins available. Depending on which peripherals are
enabled, some or all of the pins may not be available as
general purpose I/O. In general, when a peripheral is
enabled, the associated pin may not be used as a
general purpose I/O pin.
6.1
Alternate Pin Function
The Alternate Pin Function Control (APFCON) register
is used to steer specific peripheral input and output
functions between different pins. The APFCON register
is shown in Register 6-1. For this device family, the
following functions can be moved between different
pins.
•SS (Slave Select)
• CCP2
REGISTER 6-1:
APFCON: ALTERNATE PIN FUNCTION CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
—
—
—
—
—
—
SSSEL
CCP2SEL
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-2
Unimplemented: Read as ‘0’.
bit 1
SSSEL: SS Input Pin Selection bit
0
=SS function is on RA5/AN4/CPS7/SS/VCAP
1
=SS function is on RA0/AN0/SS/VCAP
bit 0
CCP2SEL: CCP2 Input/Output Pin Selection bit
0
= CCP2 function is on RC1/T1OSI/CCP2
1
= CCP2 function is on RB3/CCP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com