Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F722-E/SP Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC16F722-E/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SP Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC16F722-E/SP Datasheet HTML 82Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 83Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 84Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 85Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 86Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 87Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 88Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 89Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 86
© 2009 Microchip Technology Inc.
TABLE 6-5:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
REGISTER 6-17:
ANSELE: PORTE ANALOG SELECT REGISTER
U-0
U-0
U-0
U-0
U-0
R/W-1
R/W-1
R/W-1
—
—
—
—
—
ANSE2(2)
ANSE1(2)
ANSE0(2)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-3
Unimplemented: Read as ‘0’
bit 2-0
ANSE<2:0>: Analog Select between Analog or Digital Function on Pins RE<2:0>, respectively
0
= Digital I/O. Pin is assigned to port or Digital special function.
1
= Analog input. Pin is assigned as analog input(1). Digital Input buffer disabled.
Note 1:
When setting a pin to an analog input, the corresponding TRIS bit must be set to Input mode in order to
allow external control of the voltage on the pin.
2:
ANSELE register is not implemented on the PIC16F722/723/726/PIC16LF722/723/726. Read as ‘0’
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
--00 0000
--00 0000
ANSELE
—
—
—
—
—
ANSE2
ANSE1
ANSE0
---- -111
---- -111
PORTE
—
—
—
—
RE3
RE2
RE1
RE0
---- xxxx
---- xxxx
TRISE
—
—
—
—TRISE3(2) TRISE2(1)
TRISE1(1)
TRISE0(1)
---- 1111
---- 1111
Legend:
x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTE
Note
1:
These registers are not implemented on the PIC16F722/723/726/PIC16LF722/723/726 devices, read as ‘0’.
2:
This bit is always ‘1’ as RE3 is input only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com