Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F722-E/SP Datasheet(PDF) 90 Page - Microchip Technology

Part # PIC16F722-E/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SP Datasheet(HTML) 90 Page - Microchip Technology

Back Button PIC16F722-E/SP Datasheet HTML 86Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 87Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 88Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 89Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 90Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 91Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 92Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 93Page - Microchip Technology PIC16F722-E/SP Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 90
© 2009 Microchip Technology Inc.
7.2
Clock Source Modes
Clock source modes can be classified as external or
internal.
• Internal clock source (INTOSC) is contained
within the oscillator module and derived from a
500 kHz high precision oscillator. The oscillator
module has eight selectable output frequencies,
with a maximum internal frequency of 16 MHz.
• External clock modes rely on external circuitry for
the clock source. Examples are: oscillator mod-
ules (EC mode), quartz crystal resonators or
ceramic resonators (LP, XT and HS modes) and
Resistor-Capacitor (RC) mode circuits.
The system clock can be selected between external or
internal clock sources via the FOSC bits of the
Configuration Word 1.
7.3
Internal Clock Modes
The oscillator module has eight output frequencies
derived from a 500 kHz high precision oscillator. The
IRCF bits of the OSCCON register select the
postscaler applied to the clock source dividing the
frequency by 1, 2, 4 or 8. Setting the PLLEN bit of the
Configuration Word 1 locks the internal clock source to
16 MHz before the postscaler is selected by the IRCF
bits. The PLLEN bit must be set or cleared at the time
of programming; therefore, only the upper or low four
clock source frequencies are selectable in software.
7.3.1
INTOSC AND INTOSCIO MODES
The INTOSC and INTOSCIO modes configure the
internal oscillators as the system clock source when
the device is programmed using the oscillator selection
or the FOSC<2:0> bits in the CONFIG1 register. See
Section 8.0
“Device
Configuration”
for
more
information.
In INTOSC mode, OSC1/CLKIN is available for general
purpose I/O. OSC2/CLKOUT outputs the selected
internal oscillator frequency divided by 4. The CLKOUT
signal may be used to provide a clock for external
circuitry, synchronization, calibration, test or other
application requirements.
In
INTOSCIO
mode,
OSC1/CLKIN
and
OSC2/CLKOUT are available for general purpose I/O.
7.3.2
FREQUENCY SELECT BITS (IRCF)
The output of the 500 kHz INTOSC and 16 MHz
INTOSC, with Phase Locked Loop enabled, connect to
a postscaler and multiplexer (see Figure 7-1). The
Internal Oscillator Frequency Select bits (IRCF) of the
OSCCON register select the frequency output of the
internal oscillator. Depending upon the PLLEN bit, one
of four frequencies of two frequency sets can be
selected via software:
If PLLEN = 1, frequency selection is as follows:
•16 MHz
• 8 MHz (Default after Reset)
•4 MHz
•2 MHz
If PLLEN = 0, frequency selection is as follows:
•500 kHz
• 250 kHz (Default after Reset)
•125 kHz
•62.5 kHz
There is no start-up delay before a new frequency
selected in the IRCF bits takes effect. This is because
the old and new frequencies are derived from INTOSC
via the postscaler and multiplexer.
Start-up delay specifications are located in the
Table 23-2
in
Section 23.0
“Electrical
Specifications”.
Note:
Following any Reset, the IRCF<1:0> bits of
the OSCCON register are set to ‘10’ and
the frequency selection is set to 8 MHz or
250 kHz. The user can modify the IRCF
bits to select a different frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com