Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5125 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
Electrical and Thermal Characteristics
MPC5125 Microcontroller Data Sheet, Rev. 3
Freescale Semiconductor
41
4.1.5
Power Dissipation
Power dissipation of the MPC5125 is caused by three different components:
•
Dissipation of the internal or core digital logic (supplied by VDD)
•
Dissipation of the analog circuitry (supplied by AVDD_SPLL and AVDD_CPLL)
•
Dissipation of the IO logic (supplied by VDD_IO_MEM and VDD_IO)
Table 10 details typical measured core and analog power dissipation figures for a range of operating modes. However, the
dissipation due to the switching of the IO pins cannot be given in general, but must be calculated for each application case using
the following formula:
Eqn. 1
where N is the number of output pins switching in a group M, C is the capacitance per pin, VDD_IO is the IO voltage swing, f is
the switching frequency, and PIOint is the power consumed by the unloaded IO stage. The total power consumption of the
MPC5125 device must not exceed this value, which would cause the maximum junction temperature to be exceeded.
Eqn. 2
Table 10. Power Dissipation
Core Power Supply (VDD_core)
1
NOTES:
1 Typical core power is measured at V
DD_core = 1.4 V, TJ = 25 °C.
Mode
High-Performance
Unit
SpecID
e300 = 400 MHz, CSB = 200 MHz
Operational2
2 Operational power is measured while running an entirely cache-resident program with floating-point
multiplication instructions in parallel with DDR write operation.
620
mW
D5.1
Doze3
580
mW
D5.3
Nap3
235
mW
D5.2
Sleep3
230
mW
D5.4
Deep-sleep4
38
mW
D5.5
RTC Power Supply (VBAT)
Hibernation
20
µW
D5.6
PLL/OSC Power Supplies (AVDD_SPLL, AVDD_CPLL, AVDD_OSC_TMPS)
5
Operational
18
mW
D5.7
Deep-sleep
55
µW
D5.8
Unloaded I/O Power Supplies (VDD_IO, VDD_IO_MEM)
6
VDD_IO
VDD_IO_MEM
Operational
180
40
mW
D5.9
Deep-sleep
5
1
mW
D5.10
P
IO
P
IOint
N
M
∑
+
CVDD_IO
2
f
×
×
×
=
P
total
P
core
P
analog
P
IO
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com