Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5125 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MPC5125 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
MPC5125 Microcontroller Data Sheet, Rev. 3
System Design Information
Freescale Semiconductor
84
For a board with a COP (common on-chip processor) connector that accesses the JTAG interface and needs to reset the JTAG
module, it is not recommended to wire only TRST and PORESET.
To reset the MPC5125 via the COP connector, the HRESET pin of the COP should be connected to the HRESET pin of the
MPC5125. The circuitry shown in Figure 51 allows the COP to assert HRESET or TRST separately, while any other board
sources can drive PORESET.
Table 49. COP/BDM Interface Signals
BDM Pin #
I/O Pin
BDM Connector
Internal
Pullup/Pulldown
External
Pullup/Pulldown
I/O1
NOTES:
1 With respect to the emulator tool’s perspective:
Input is really an output from the embedded e300 core.
Output is really an input to the core.
16
—
GND
—
—
—
15
CKSTP_OUT
ckstp_out
—
10 k
Ω Pullup
I
14
—
KEY
—
—
—
13
HRESET
hreset
Pullup
10 k
Ω Pullup
O
12
—
GND
—
—
—
11
SRESET
sreset
Pullup
10 k
Ω Pullup
O
10
—
N/C
—
—
—
9
TMS
tms
Pullup
10 k
Ω Pullup
O
8
CKSTP_IN
ckstp_in
—
10 k
Ω Pullup
O
7
TCK
tck
Pullup
10 k
Ω Pullup
O
6
—
VDD2
2 From the board under test, power sense for chip power.
——
—
5
See Note3
3 HALTED is not available from e300 core.
halted3
——
I
4TRST
trst
Pullup
10 k
Ω Pullup
O
3
TDI
tdi
Pullup
10 k
Ω Pullup
O
2
See Notepci_frame
qack4
——
O
1TDO
tdo
—
—
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com