Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5125 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5125 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MPC5125
Rev. 3, 11/2009
© Freescale Semiconductor, Inc., 2008–2009. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MPC5125
324 TEPBGA
23 mm x 23 mm
The MPC5125 integrates a high performance e300 CPU core
based on the Power Architecture™ Technology with a rich set
of peripheral functions focused on communications and
systems integration.
Major features of the MPC5125 are as follows:
•
e300 Power Architecture processor core (enhanced
version of the MPC603e core), operates as fast as
400 MHz
•
Low power design
•
Display interface unit (DIU)
•
DDR1, DDR2, low-power mobile DDR (LPDDR),
and 1.8 V/3.3 V SDR DRAM memory controllers
•
32 KB on-chip SRAM
•
USB 2.0 OTG controller with ULPI interface
•
DMA subsystem
•
Flexible multi-function external memory bus (EMB)
interface
•
NAND flash controller (NFC)
•
LocalPlus interface (LPC)
•
10/100Base Ethernet
•
MMC/SD/SDIO card host controller (SDHC)
•
Programmable serial controller (PSC)
•
Inter-integrated circuit (I2C) communication
interfaces
•
Controller area network (CAN)
•
J1850 byte data link controller (BDLC) interface
•
On-chip real-time clock (RTC)
•
On-chip temperature sensor
•
IC Identification module (IIM)
MPC5125 Microcontroller
Data Sheet


Similar Part No. - MPC5125

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5125 FREESCALE-MPC5125 Datasheet
677Kb / 94P
MPC5125 Microcontroller
MPC5125YVN400 FREESCALE-MPC5125YVN400 Datasheet
677Kb / 94P
MPC5125 Microcontroller
MPC5125 FREESCALE-MPC5125_11 Datasheet
677Kb / 94P
MPC5125 Microcontroller
More results

Similar Description - MPC5125

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
MPC5125 FREESCALE-MPC5125_11 Datasheet
677Kb / 94P
MPC5125 Microcontroller
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
MPC5566MVR132 FREESCALE-MPC5566MVR132 Datasheet
1Mb / 66P
MPC5566 Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
MPC5668x Microcontroller Data Sheet
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
MPC5604E Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com