Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F04KA201T-I/SS Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC24F04KA201T-I/SS
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/SS Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC24F04KA201T-I/SS Datasheet HTML 82Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 83Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 84Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 85Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 86Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 87Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 88Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 89Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 84
Preliminary
© 2009 Microchip Technology Inc.
bit 7
CLKLOCK:
Clock Selection Lock Enabled bit
If FSCM is enabled (FCKSM1 = 1):
1
= Clock and PLL selections are locked
0
= Clock and PLL selections are not locked and may be modified by setting the OSWEN bit
If FSCM is disabled (FCKSM1 = 0):
Clock and PLL selections are never locked and may be modified by setting the OSWEN bit.
bit 6
Unimplemented:
Read as ‘0’
bit 5
LOCK:
PLL Lock Status bit(2)
1
= PLL module is in lock or PLL module start-up timer is satisfied
0
= PLL module is out of lock, PLL start-up timer is running or PLL is disabled
bit 4
Unimplemented:
Read as ‘0’
bit 3
CF:
Clock Fail Detect bit
1
= FSCM has detected a clock failure
0
= No clock failure has been detected
bit 2
Unimplemented:
Read as ‘0’
bit 1
SOSCEN:
32 kHz Secondary Oscillator (SOSC) Enable bit
1
= Enable secondary oscillator
0
= Disable secondary oscillator
bit 0
OSWEN:
Oscillator Switch Enable bit
1
= Initiate an oscillator switch to clock source specified by NOSC<2:0> bits
0
= Oscillator switch is complete
REGISTER 8-1:
OSCCON: OSCILLATOR CONTROL REGISTER (CONTINUED)
Note 1:
Reset values for these bits are determined by the FNOSC Configuration bits.
2:
Also resets to ‘0’ during any valid clock switch or whenever a non-PLL Clock mode is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com