Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F04KA201T-I/SS Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC24F04KA201T-I/SS
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/SS Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC24F04KA201T-I/SS Datasheet HTML 15Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 16Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 17Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 18Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 19Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 20Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 21Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 22Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 17
PIC24F04KA201 FAMILY
2.4
Voltage Regulator Pins
(ENVREG/DISVREG and
VCAP/VDDCORE)
The on-chip voltage regulator enable/disable pin
(ENVREG or DISVREG, depending on the device
family) must always be connected directly to either a
supply voltage or to ground. The particular connection
is determined by whether or not the regulator is to be
used:
• For ENVREG, tie to VDD to enable the regulator or
to ground to disable the regulator
• For DISVREG, tie to ground to enable the
regulator or to VDD to disable the regulator
When the regulator is enabled, a low-ESR (<5Ω)
capacitor is required on the VCAP/VDDCORE pin to
stabilize the voltage regulator output voltage. The
VCAP/VDDCORE pin must not be connected to VDD and
must use a capacitor of 10
μF connected to ground. The
type can be ceramic or tantalum. A suitable example is
the Murata GRM21BF50J106ZE01 (10
μF, 6.3V) or
equivalent. Designers may use Figure 2-3 to evaluate
ESR equivalence of candidate devices.
The placement of this capacitor should be close to
VCAP/VDDCORE. It is recommended that the trace
length not exceed 0.25 inch (6 mm). Refer to
Section 26.0
“Electrical
Characteristics”
for
additional information.
When the regulator is disabled, the VCAP/VDDCORE pin
must be tied to a voltage supply at the VDDCORE level.
Refer to Section 26.0 “Electrical Characteristics” for
information on VDD and VDDCORE.
FIGURE 2-3:
FREQUENCY vs. ESR
PERFORMANCE FOR
SUGGESTED VCAP
2.5
ICSP Pins
The PGECx and PGEDx pins are used for In-Circuit
Serial Programming (ICSP) and debugging purposes.
It is recommended to keep the trace length between
the ICSP connector and the ICSP pins on the device as
short as possible. If the ICSP connector is expected to
experience an ESD event, a series resistor is recom-
mended, with the value in the range of a few tens of
ohms, not to exceed 100Ω.
Pull-up resistors, series diodes and capacitors on the
PGECx and PGEDx pins are not recommended as they
will interfere with the programmer/debugger communi-
cations to the device. If such discrete components are
an application requirement, they should be removed
from the circuit during programming and debugging.
Alternatively, refer to the AC/DC characteristics and
timing requirements information in the respective
device Flash programming specification for information
on capacitive loading limits and pin input voltage high
(VIH) and input low (VIL) requirements.
For device emulation, ensure that the “Communication
Channel
Select”
(i.e.,
PGECx/PGEDx
pins)
programmed into the device matches the physical
connections for the ICSP to the MPLAB® ICD 2,
MPLAB ICD 3 or REAL ICE™ emulator.
For more information on the ICD 2, ICD 3 and
REAL ICE emulator connection requirements, refer to
the following documents that are available on the
Microchip web site.
• “MPLAB® ICD 2 In-Circuit Debugger User’s
Guide”
(DS51331)
• “Using MPLAB® ICD 2” (poster) (DS51265)
• “MPLAB® ICD 2 Design Advisory” (DS51566)
• “Using MPLAB® ICD 3” (poster) (DS51765)
• “MPLAB® ICD 3 Design Advisory” (DS51764)
• “MPLAB® REAL ICE™ In-Circuit Emulator User’s
Guide”
(DS51616)
• “Using MPLAB® REAL ICE™ In-Circuit Emulator”
(poster) (DS51749)
Note:
This section applies only to PIC24F
devices with an on-chip voltage regulator.
10
1
0.1
0.01
0.001
0.01
0.1
1
10
100
1000 10,000
Frequency (MHz)
Note:
Data for Murata GRM21BF50J106ZE01 shown.
Measurements at 25°C, 0V DC bias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com