Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F04KA201T-I/SS Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC24F04KA201T-I/SS
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/SS Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC24F04KA201T-I/SS Datasheet HTML 87Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 88Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 89Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 90Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 91Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 92Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 93Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 94Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 89
PIC24F04KA201 FAMILY
REGISTER 8-4:
REFOCON: REFERENCE OSCILLATOR CONTROL REGISTER
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ROEN
—
ROSSLP
ROSEL
RODIV3
RODIV2
RODIV1
RODIV0
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ROEN:
Reference Oscillator Output Enable bit
1
= Reference oscillator enabled on REFO pin
0
= Reference oscillator disabled
bit 14
Unimplemented:
Read as ‘0’
bit 13
ROSSLP:
Reference Oscillator Output Stop in Sleep bit
1
= Reference oscillator continues to run in Sleep
0
= Reference oscillator is disabled in Sleep
bit 12
ROSEL:
Reference Oscillator Source Select bit
1
= Primary oscillator used as the base clock(1)
0
= System clock used as the base clock; base clock reflects any clock switching of the device
bit 11-8
RODIV3:RODIV0:
Reference Oscillator Divisor Select bits
1111
= Base clock value divided by 32,768
1110
= Base clock value divided by 16,384
1101
= Base clock value divided by 8,192
1100
= Base clock value divided by 4,096
1011
= Base clock value divided by 2,048
1010
= Base clock value divided by 1,024
1001
= Base clock value divided by 512
1000
= Base clock value divided by 256
0111
= Base clock value divided by 128
0110
= Base clock value divided by 64
0101
= Base clock value divided by 32
0100
= Base clock value divided by 16
0011
= Base clock value divided by 8
0010
= Base clock value divided by 4
0001
= Base clock value divided by 2
0000
= Base clock value
bit 7-0
Unimplemented:
Read as ‘0’
Note 1:
The crystal oscillator must be enabled using the FOSC<2:0> bits; the crystal maintains the operation in
Sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com