Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F57-E/SS Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC16F57-E/SS
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57-E/SS Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC16F57-E/SS Datasheet HTML 22Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 23Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 24Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 25Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 26Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 27Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 28Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 29Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
PIC16F5X
DS41213D-page 24
© 2007 Microchip Technology Inc.
TABLE 5-3:
RESET CONDITIONS FOR ALL REGISTERS
FIGURE 5-1:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
Register
Address
Power-on Reset
MCLR or WDT Reset
WN/A
xxxx xxxx
uuuu uuuu
TRIS
N/A
1111 1111
1111 1111
OPTION
N/A
--11 1111
--11 1111
INDF
00h
xxxx xxxx
uuuu uuuu
TMR0
01h
xxxx xxxx
uuuu uuuu
PCL
02h
1111 1111
1111 1111
STATUS
03h
0001 1xxx
000q quuu
FSR(1)
04h
111x xxxx
111u uuuu
FSR(2)
04h
1xxx xxxx
1uuu uuuu
FSR(3)
04h
xxxx xxxx
uuuu uuuu
PORTA
05h
---- xxxx
---- uuuu
PORTB
06h
xxxx xxxx
uuuu uuuu
PORTC(4)
07h
xxxx xxxx
uuuu uuuu
PORTD(5)
08h
xxxx xxxx
uuuu uuuu
PORTE(5)
09h
xxxx ----
uuuu ----
Legend: u = unchanged, x = unknown, – = unimplemented, read as ‘0’, q = see tables in Table 5-1 for possible
values.
Note 1:
PIC16F54 only.
2:
PIC16F57 only.
3:
PIC16F59 only.
4:
General purpose register file on PIC16F54.
5:
General purpose register file on PIC16F54 and PIC16F57.
S
R
Q
VDD
MCLR/VPP
Chip Reset
WDT
POR
MCLR
Filter
Module
DRT
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com