Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F57-E/SS Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC16F57-E/SS
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57-E/SS Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC16F57-E/SS Datasheet HTML 62Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 63Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 64Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 65Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 66Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 67Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 68Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 69Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
PIC16F5X
DS41213D-page 64
© 2007 Microchip Technology Inc.
TABLE 11-1:
EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
-40
°C ≤ TA ≤ +85°C for industrial
-40
°C ≤ TA ≤ +125°C for extended
Parameter
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
FOSC
External CLKIN Frequency(1)
DC
—
4.0
MHz XT Osc mode
DC
—
20
MHz HS Osc mode
DC
—
200
kHz
LP Osc mode
Oscillator Frequency(1)
DC
—
4.0
MHz RC Osc mode
0.1
—
4.0
MHz XT Osc mode
4.0
—
20
MHz HS Osc mode
5.0
—
200
kHz
LP Osc mode
1TOSC
External CLKIN Period(1)
250
—
—
ns
XT Osc mode
50
—
—
ns
HS Osc mode
5.0
—
—
μsLP Osc mode
Oscillator Period(1)
250
—
—
ns
RC Osc mode
250
—
10,000
ns
XT Osc mode
50
—
250
ns
HS Osc mode
5.0
—
—
μsLP Osc mode
2TCY
Instruction Cycle Time(2)
—4/FOSC
——
3
TosL, TosH
Clock in (OSC1) Low or High
Time
50*
—
—
ns
XT oscillator
20*
—
—
ns
HS oscillator
2.0*
—
—
μs
LP oscillator
4
TosR, TosF
Clock in (OSC1) Rise or Fall
Time
—
—
25*
ns
XT oscillator
—
—
5*
ns
HS oscillator
—
—
50*
ns
LP oscillator
*
These parameters are characterized but not tested.
† Data in the Typical (“Typ”) column is at 5V, 25°C unless otherwise stated. These parameters are for design
guidance only and are not tested.
Note 1:
All specified values are based on characterization data for that particular oscillator type under standard
operating conditions with the device executing code. Exceeding these specified limits may result in an
unstable oscillator operation and/or higher than expected current consumption.
When an external clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices.
2:
Instruction cycle period (TCY) equals four times the input oscillator time base period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com