Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F57-E/SS Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC16F57-E/SS
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57-E/SS Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC16F57-E/SS Datasheet HTML 33Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 34Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 35Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 36Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 37Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 38Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 39Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 40Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
© 2007 Microchip Technology Inc.
DS41213D-page 35
PIC16F5X
7.1
Using Timer0 with an External
Clock
When an external clock input is used for Timer0, it must
meet
certain
requirements.
The
external
clock
requirement is due to internal phase clock (TOSC)
synchronization. Also, there is a delay in the actual
incrementing of Timer0 after synchronization.
7.1.1
EXTERNAL CLOCK
SYNCHRONIZATION
When no prescaler is used, the external clock is the
Timer0 input. The synchronization of T0CKI with the
internal phase clocks is accomplished by sampling the
prescaler output on the Q2 and Q4 cycles of the inter-
nal phase clocks (Figure 7-4). Therefore, it is neces-
sary for T0CKI to be high for at least 2TOSC (and a small
RC delay of 20 ns) and low for at least 2TOSC (and a
small RC delay of 20 ns). Refer to the electrical
specification of the desired device.
When a prescaler is used, the external clock input is
divided by the asynchronous ripple counter-type
prescaler so that the prescaler output is symmetrical.
For the external clock to meet the sampling require-
ment, the ripple counter must be taken into account.
Therefore, it is necessary for T0CKI to have a period of
at least 4TOSC (and a small RC delay of 40 ns) divided
by the prescaler value. The only requirement on T0CKI
high and low time is that they do not violate the
minimum pulse width requirement of 10 ns. Refer to
parameters 40, 41 and 42 in the electrical specification
of the desired device.
7.1.2
TIMER0 INCREMENT DELAY
Since the prescaler output is synchronized with the
internal clocks, there is a small delay from the time the
external clock edge occurs to the time the Timer0
module is actually incremented. Figure 7-4 shows the
delay from the external clock edge to the timer
incrementing.
FIGURE 7-4:
TIMER0 TIMING WITH EXTERNAL CLOCK
7.2
Prescaler
An 8-bit counter is available as a prescaler for the
Timer0 module, or as a postscaler for the Watchdog
Timer
(WDT),
respectively
(Section 8.2.1
“WDT
Period”). For simplicity, this counter is being referred
to as “prescaler” throughout this data sheet. Note that
the prescaler may be used by either the Timer0 module
or the WDT, but not both. Thus, a prescaler assignment
for the Timer0 module means that there is no prescaler
for the WDT, and vice-versa.
The PSA and PS<2:0> bits (OPTION<3:0>) determine
prescaler assignment and prescale ratio.
When assigned to the Timer0 module, all instructions
writing to the TMR0 register (e.g., CLRF 1, MOVWF 1,
BSF 1
, x, etc.) will clear the prescaler. When assigned
to WDT, a CLRWDT instruction will clear the prescaler
along with the WDT. The prescaler is neither readable
nor writable. On a Reset, the prescaler contains all ‘0’s.
Increment Timer0 (Q4)
External Clock Input or
Q1
Q2
Q3 Q4
Q1
Q2
Q3 Q4
Q1
Q2
Q3 Q4
Q1
Q2
Q3 Q4
Timer0
T0
T0 + 1
T0 + 2
Small pulse
misses sampling
External Clock/Prescaler
Output After Sampling
(2)
Prescaler Output(1)
(3)
Note
1:
External clock if no prescaler selected; prescaler output otherwise.
2:
The arrows indicate the points in time where sampling occurs.
3:
Delay from clock input change to Timer0 increment is 3TOSC to 7TOSC (duration of Q = TOSC). Therefore, the error
in measuring the interval between two edges on Timer0 input =
± 4TOSC max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com