Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F0010AT-30I/PF Datasheet(PDF) 63 Page - Microchip Technology

Part # DSPIC30F0010AT-30I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-30I/PF Datasheet(HTML) 63 Page - Microchip Technology

Back Button DSPIC30F0010AT-30I/PF Datasheet HTML 59Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 60Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 61Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 62Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 63Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 64Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 65Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 66Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 232 page
background image
© 2008 Microchip Technology Inc.
DS70150D-page 63
dsPIC30F6010A/6015
8.3
Input Change Notification Module
The input change notification module provides the
dsPIC30F devices the ability to generate interrupt
requests to the processor in response to a
change-of-state on selected input pins. This module is
capable of detecting input change-of-states, even in
Sleep mode when the clocks are disabled. There are 22
external
signals
(CN0
through
CN21)
for
dsPIC30F6010A and 19 external signals (CN0 through
CN19)fordsPIC30F6015thatmaybeselected(enabled)
for generating an interrupt request on a change-of-state.
Please refer to the Pin Diagrams for CN pin locations.
TABLE 8-3:
INPUT CHANGE NOTIFICATION REGISTER MAP (BITS 15-8)(1)
TABLE 8-4:
INPUT CHANGE NOTIFICATION REGISTER MAP (BITS 7-0) FOR dsPIC30F6010A(1)
TABLE 8-5:
INPUT CHANGE NOTIFICATION REGISTER MAP (BITS 7-0) FOR dsPIC30F6015(1)
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reset State
CNEN1
00C0
CN15IE
CN14IE
CN13IE
CN12IE
CN11IE
CN10IE
CN9IE
CN8IE
0000 0000 0000 0000
CNEN2
00C2
—
—
—
—
—
—
—
—
0000 0000 0000 0000
CNPU1
00C4
CN15PUE CN14PUE CN13PUE CN12PUE CN11PUE CN10PUE
CN9PUE
CN8PUE
0000 0000 0000 0000
CNPU2
00C6
—
—
—
—
—
—
—
—
0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’
Note
1:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.
SFR
Name
Addr.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
CNEN1
00C0
CN7IE
CN6IE
CN5IE
CN4IE
CN3IE
CN2IE
CN1IE
CN0IE
0000 0000 0000 0000
CNEN2
00C2
—
—
CN21IE
CN20IE
CN19IE
CN18IE
CN17IE
CN16IE
0000 0000 0000 0000
CNPU1
00C4
CN7PUE
CN6PUE
CN5PUE
CN4PUE
CN3PUE
CN2PUE
CN1PUE
CN0PUE
0000 0000 0000 0000
CNPU2
00C6
—
—
CN21PUE CN20PUE CN19PUE CN18PUE CN17PUE CN16PUE
0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’
Note
1:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.
SFR
Name
Addr.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
CNEN1
00C0
CN7IE
CN6IE
CN5IE
CN4IE
CN3IE
CN2IE
CN1IE
CN0IE
0000 0000 0000 0000
CNEN2
00C2
—
—
—
—
—
CN18IE
CN17IE
CN16IE
0000 0000 0000 0000
CNPU1
00C4
CN7PUE
CN6PUE
CN5PUE
CN4PUE
CN3PUE
CN2PUE
CN1PUE
CN0PUE
0000 0000 0000 0000
CNPU2
00C6
—
—
—
—
—
CN18PUE CN17PUE CN16PUE
0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’
Note
1:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com