Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F0010AT-30I/PF Datasheet(PDF) 77 Page - Microchip Technology

Part # DSPIC30F0010AT-30I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-30I/PF Datasheet(HTML) 77 Page - Microchip Technology

Back Button DSPIC30F0010AT-30I/PF Datasheet HTML 73Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 74Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 75Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 76Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 77Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 78Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 79Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 80Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 232 page
background image
© 2008 Microchip Technology Inc.
DS70150D-page 77
dsPIC30F6010A/6015
11.0 TIMER4/5 MODULE
This section describes the second 32-bit General
Purpose (GP) Timer module (Timer4/5) and associated
operational modes. Figure 11-1 depicts the simplified
block diagram of the 32-bit Timer4/5 Module.
Figure 11-2 and Figure 11-3 show Timer4/5 configured
as two independent 16-bit timers, Timer4 and Timer5,
respectively.
The Timer4/5 module is similar in operation to the
Timer2/3
module.
However,
there
are
some
differences, which are listed below:
• The Timer4/5 module does not support the ADC
Event Trigger feature
FIGURE 11-1:
32-BIT TIMER4/5 BLOCK DIAGRAM
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals, register descriptions and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046).
Note:
Timer4 is a Type B timer and Timer5 is a
Type C timer. Please refer to the
appropriate timer type in Section 24.0
"Electrical
Characteristics"
of
this
document.
TMR5
TMR4
T5IF
Equal
Comparator x 32
PR5
PR4
Reset
LSB
MSB
Event Flag
Note:
Timer Configuration bit T45, T4CON(<3>) must be set to ‘
1’ for a 32-bit timer/counter operation. All
control bits are respective to the T4CON register.
Data Bus<15:0>
TMR5HLD
Read TMR4
Write TMR4
16
16
16
Q
QD
CK
TGATE(T4CON<6>)
(T4CON<6>)
TGATE
0
1
TON
TCKPS<1:0>
Prescaler
1, 8, 64, 256
2
TCY
1 x
0 1
0 0
Gate
T4CK
Sync
Sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com