Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F0010AT-30I/PF Datasheet(PDF) 91 Page - Microchip Technology

Part # DSPIC30F0010AT-30I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-30I/PF Datasheet(HTML) 91 Page - Microchip Technology

Back Button DSPIC30F0010AT-30I/PF Datasheet HTML 87Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 88Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 89Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 90Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 91Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 92Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 93Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 94Page - Microchip Technology DSPIC30F0010AT-30I/PF Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 232 page
background image
© 2008 Microchip Technology Inc.
DS70150D-page 91
dsPIC30F6010A/6015
14.4
Programmable Digital Noise
Filters
The digital noise filter section is responsible for
rejecting noise on the incoming quadrature signals.
Schmitt Trigger inputs and a three-clock cycle delay
filter combine to reject low level noise and large, short
duration noise spikes that typically occur in noise prone
applications, such as a motor system.
The filter ensures that the filtered output signal is not
permitted to change until a stable value has been
registered for three consecutive clock cycles.
For the QEA, QEB and INDX pins, the clock divide
frequency for the digital filter is programmed by bits
QECK<2:0> (DFLTCON<6:4>) and are derived from
the base instruction cycle TCY.
To enable the filter output for channels QEA, QEB and
INDX, the QEOUT bit must be ‘1’. The filter network for
all channels is disabled on POR and BOR.
14.5
Alternate 16-bit Timer/Counter
When the QEI module is not configured for the QEI
mode QEIM<2:0> = 001, the module can be configured
as a simple 16-bit timer/counter. The setup and control
of the auxiliary timer is accomplished through the
QEICON SFR register. This timer functions identically
to Timer1. The QEA pin is used as the timer clock input.
When configured as a timer, the POSCNT register
serves as the Timer Count register and the MAXCNT
register serves as the Period register. When a
Timer/Period register match occur, the QEI interrupt
flag will be asserted.
The only exception between the general purpose
timers and this timer is the added feature of external
up/down input select. When the UPDN pin is asserted
high, the timer will increment up. When the UPDN pin
is asserted low, the timer will be decremented.
The UPDN control/Status bit (QEICON<11>) can be
used to select the count direction state of the Timer
register. When UPDN = 1, the timer will count up. When
UPDN = 0, the timer will count down.
In addition, control bit, UDSRC (QEICON<0>),
determines whether the timer count direction state is
based on the logic state, written into the UPDN
control/Status bit (QEICON<11>), or the QEB pin state.
When UDSRC = 1, the timer count direction is
controlled from the QEB pin. Likewise, when
UDSRC = 0, the timer count direction is controlled by
the UPDN bit.
14.6
QEI Module Operation During CPU
Sleep Mode
14.6.1
QEI OPERATION DURING CPU
SLEEP MODE
The QEI module will be halted during the CPU Sleep
mode.
14.6.2
TIMER OPERATION DURING CPU
SLEEP MODE
During CPU Sleep mode, the timer will not operate,
because the internal clocks are disabled.
14.7
QEI Module Operation During CPU
Idle Mode
Since the QEI module can function as a Quadrature
Encoder Interface, or as a 16-bit timer, the following
section describes operation of the module in both
modes.
14.7.1
QEI OPERATION DURING CPU IDLE
MODE
When the CPU is placed in the Idle mode, the QEI
module
will
operate
if
the
QEISIDL
bit
(QEICON<13>) = 0. This bit defaults to a logic ‘0’ upon
executing POR and BOR. For halting the QEI module
during the CPU Idle mode, QEISIDL should be set to
‘1’.
Note:
Changing the operational mode (i.e., from
QEI to Timer or vice versa), will not affect
the Timer/Position Count register contents.
Note:
This Timer does not support the External
Asynchronous Counter mode of operation.
If using an external clock source, the clock
will automatically be synchronized to the
internal instruction cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com