Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INT202 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # INT202
Description  Low-side Drive and High-side Control for Simultaneous Conduction
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INT202 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  INT202 Datasheet HTML 1Page - Power Integrations, Inc. INT202 Datasheet HTML 2Page - Power Integrations, Inc. INT202 Datasheet HTML 3Page - Power Integrations, Inc. INT202 Datasheet HTML 4Page - Power Integrations, Inc. INT202 Datasheet HTML 5Page - Power Integrations, Inc. INT202 Datasheet HTML 6Page - Power Integrations, Inc. INT202 Datasheet HTML 7Page - Power Integrations, Inc. INT202 Datasheet HTML 8Page - Power Integrations, Inc. INT202 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
F
2/96
INT202
5
V
IH = 4.0 V
V
IL = 1.0 V
1 Suffix
2 Suffix
V
HSD1, VHSD2 = 500 V
V
HSD1, VHSD2 = 10 V
V
HSD1, VHSD2 = 25 V
5
0
10
150
-20
0
20
4.0
1.0
0.3
0.7
600
700
800
900
0.1
15
525
156
10
I
IH, IIL
V
IH
V
IL
V
HY
BV
DSS
I
HSD(OFF)
I
HSD(ON)
t
HSD(ON)
C
OSS
µA
V
V
V
V
µA
mA
ns
pF
Input Current,
High or Low
Input Voltage
High
Input Voltage
Low
Input Voltage
Hysteresis
Breakdown
Voltage
Off-State
Output Current
On-State
Output Current
On-State
Pulse Width
Output
Capacitance
LOGIC
HSD OUTPUTS
HSD1/HSD2 Voltage (1 Suffix) ................................. 600 V
(2 Suffix) ................................. 800 V
HSD1/HSD2 Slew Rate ........................................... 10 V/ns
V
DD Voltage ................................................................ 16.5 V
Logic Input Voltage ..................................... -0.3 V to 5.5 V
LS OUT Voltage ................................ -0.3 V to V
DD + 0.3 V
Storage Temperature ....................................... –65 to 125
°C
Ambient Temperature ........................................ -40 to 85
°C
Junction Temperature ................................................. 150
°C
Lead Temperature(2). ................................................... 260
°C
ABSOLUTE MAXIMUM RATINGS1
Power Dissipation
PF Suffix (T
A = 25°C) ......................................... 1.25 W
(T
A = 70°C) ....................................... 800 mW
TF Suffix (T
A = 25°C) ......................................... 1.04 W
(T
A = 70°C) ....................................... 667 mW
Thermal Impedance (
θ
JA)
PF Suffix ........................................................... 100
°C/W
TF Suffix ........................................................... 120
°C/W
1. Unless noted, all voltages referenced to COM, T
A = 25°C
2. 1/16" from case for 5 seconds.
Conditions
Parameter
Symbol
(Unless Otherwise Specified)
Min
Typ
Max
Units
V
DD= 15 V, COM = 0V
T
A = -40 to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com